Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF356M/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LF356M/NOPB
Description  LFx5x JFET Input Operational Amplifiers
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LF356M/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LF356M/NOPB Datasheet HTML 1Page - Texas Instruments LF356M/NOPB Datasheet HTML 2Page - Texas Instruments LF356M/NOPB Datasheet HTML 3Page - Texas Instruments LF356M/NOPB Datasheet HTML 4Page - Texas Instruments LF356M/NOPB Datasheet HTML 5Page - Texas Instruments LF356M/NOPB Datasheet HTML 6Page - Texas Instruments LF356M/NOPB Datasheet HTML 7Page - Texas Instruments LF356M/NOPB Datasheet HTML 8Page - Texas Instruments LF356M/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LF155, LF156, LF256, LF257
LF355, LF356, LF357
SNOSBH0D – MAY 2000 – REVISED NOVEMBER 2015
www.ti.com
Table of Contents
7.2
Functional Block Diagram ....................................... 15
1
Features .................................................................. 1
7.3
Feature Description................................................. 16
2
Applications ........................................................... 1
7.4
Device Functional Modes........................................ 16
3
Description ............................................................. 1
8
Application and Implementation ........................ 17
4
Revision History..................................................... 2
8.1
Application Information............................................ 17
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application .................................................. 18
6
Specifications......................................................... 4
8.3
System Examples ................................................... 20
6.1
Absolute Maximum Ratings ...................................... 4
9
Power Supply Recommendations ...................... 33
6.2
ESD Ratings.............................................................. 4
10
Layout................................................................... 33
6.3
Recommended Operating Conditions ....................... 4
10.1
Layout Guidelines ................................................. 33
6.4
Thermal Information .................................................. 5
10.2
Layout Example .................................................... 34
6.5
AC Electrical Characteristics, TA = TJ = 25°C, VS =
±15 V.......................................................................... 5
11
Device and Documentation Support ................. 35
6.6
DC Electrical Characteristics, TA = TJ = 25°C, VS =
11.1
Related Links ........................................................ 35
±15 V.......................................................................... 6
11.2
Community Resources.......................................... 35
6.7
DC Electrical Characteristics .................................... 6
11.3
Trademarks ........................................................... 35
6.8
Power Dissipation Ratings ........................................ 7
11.4
Electrostatic Discharge Caution ............................ 35
6.9
Typical Characteristics .............................................. 8
11.5
Glossary ................................................................ 35
7
Detailed Description ............................................ 14
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 14
Information ........................................................... 35
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
•
Added Pin Configuration and Functions section, ESD Ratings table, Thermal Information table, Feature Description
section, Device Functional Modes, Application and Implementation section, Power Supply Recommendations
section, Layout section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable
Information section ................................................................................................................................................................ 1
•
Removed THIGH parameter as it is redundant to TA maximum ............................................................................................... 4
Changes from Revision B (March 2013) to Revision C
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 31
2
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
LF156 LF256 LF356



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com