Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A2IRSWT Datasheet(PDF) 29 Page - Texas Instruments

Part # INA190A2IRSWT
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A2IRSWT Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA190A2IRSWT Datasheet HTML 25Page - Texas Instruments INA190A2IRSWT Datasheet HTML 26Page - Texas Instruments INA190A2IRSWT Datasheet HTML 27Page - Texas Instruments INA190A2IRSWT Datasheet HTML 28Page - Texas Instruments INA190A2IRSWT Datasheet HTML 29Page - Texas Instruments INA190A2IRSWT Datasheet HTML 30Page - Texas Instruments INA190A2IRSWT Datasheet HTML 31Page - Texas Instruments INA190A2IRSWT Datasheet HTML 32Page - Texas Instruments INA190A2IRSWT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Curren t
Sen se Ou tput
RSHUNT
VIA to Gro und
Plan e
CBYPASS
GND
IN-
IN+
OUT
VS
8
2
1
6
7
9
10
5
4
3
REF
ENABL E
NC
NC
NC
RF
RF
CF
Conne ct to Supp ly
(1.7 V to 5.5 V)
Conne ct to Co ntr ol o r V S
(Do Not Flo at)
Conne ct REF to GND for
Unidire ctional Measuremen t
or to External Reference fo r
Bidi rection al Mea sur ement
Note: RF and CF are option al in low
noise/ripp le e nvi ronments
29
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Layout Examples (continued)
Figure 48. Recommended Layout for UQFN (RSW) Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com