Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # INA180B2IDBVT
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180B2IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  INA180B2IDBVT Datasheet HTML 1Page - Texas Instruments INA180B2IDBVT Datasheet HTML 2Page - Texas Instruments INA180B2IDBVT Datasheet HTML 3Page - Texas Instruments INA180B2IDBVT Datasheet HTML 4Page - Texas Instruments INA180B2IDBVT Datasheet HTML 5Page - Texas Instruments INA180B2IDBVT Datasheet HTML 6Page - Texas Instruments INA180B2IDBVT Datasheet HTML 7Page - Texas Instruments INA180B2IDBVT Datasheet HTML 8Page - Texas Instruments INA180B2IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
1
OUT1
8
VS
2
IN±1
7
OUT2
3
IN+1
6
IN±2
4
GND
5
IN+2
Not to scale
Figure 6-3. INA2180: DGK Package 8-Pin VSSOP
Top View
1
OUT1
8
VS
2
IN±1
7
OUT2
3
IN+1
6
IN±2
4
GND
5
IN+2
Not to scale
Thermal
Pad
A.
Thermal Pad can be left floating or connected to GND.
Figure 6-4. INA2180: DSG Package 8-Pin WSON
Top View
1
OUT1
14
OUT4
2
IN±1
13
IN±4
3
IN+1
12
IN+4
4
VS
11
GND
5
IN+2
10
IN+3
6
IN±2
9
IN±3
7
OUT2
8
OUT3
Not to scale
Figure 6-5. INA4180: PW Package 14-Pin TSSOP Top View
Table 6-2. Pin Functions: INA2180 (Dual Channel) and INA4180 (Quad Channel)
PIN
TYPE
DESCRIPTION
NAME
INA2180
INA4180
GND
4
11
Analog
Ground
IN–1
2
2
Analog input
Current-sense amplifier negative input for channel 1. For high-side
applications, connect to load side of channel-1 sense resistor. For low-
side applications, connect to ground side of channel-1 sense resistor.
IN+1
3
3
Analog input
Current-sense amplifier positive input for channel 1. For high-side
applications, connect to bus-voltage side of channel-1 sense resistor. For
low-side applications, connect to load side of channel-1 sense resistor.
IN–2
6
6
Analog input
Current-sense amplifier negative input for channel 2. For high-side
applications, connect to load side of channel-2 sense resistor. For low-
side applications, connect to ground side of channel-2 sense resistor.
IN+2
5
5
Analog input
Current-sense amplifier positive input for channel 2. For high-side
applications, connect to bus-voltage side of channel-2 sense resistor. For
low-side applications, connect to load side of channel-2 sense resistor.
IN–3
—
9
Analog input
Current-sense amplifier negative input for channel 3. For high-side
applications, connect to load side of channel-3 sense resistor. For low-
side applications, connect to ground side of channel-3 sense resistor.
IN+3
—
10
Analog input
Current-sense amplifier positive input for channel 3. For high-side
applications, connect to bus-voltage side of channel-3 sense resistor. For
low-side applications, connect to load side of channel-3 sense resistor.
IN–4
—
13
Analog input
Current-sense amplifier negative input for channel 4. For high-side
applications, connect to load side of channel-4 sense resistor. For low-
side applications, connect to ground side of channel-4 sense resistor.
www.ti.com
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com