Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A3IRSWR Datasheet(PDF) 12 Page - Texas Instruments

Part # INA190A3IRSWR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A3IRSWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA190A3IRSWR Datasheet HTML 8Page - Texas Instruments INA190A3IRSWR Datasheet HTML 9Page - Texas Instruments INA190A3IRSWR Datasheet HTML 10Page - Texas Instruments INA190A3IRSWR Datasheet HTML 11Page - Texas Instruments INA190A3IRSWR Datasheet HTML 12Page - Texas Instruments INA190A3IRSWR Datasheet HTML 13Page - Texas Instruments INA190A3IRSWR Datasheet HTML 14Page - Texas Instruments INA190A3IRSWR Datasheet HTML 15Page - Texas Instruments INA190A3IRSWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Frequency (Hz)
0.1
1
10
100
1000
5000
10
100
1k
10k
100k
1M
10M
A3
A2
A1
A4
A5
D050
Gain Variants
A1
A2
A3
A4
A5
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
D040
-40qC
25qC
125qC
Output Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
D048
25qC
-40qC
125qC
12
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 1.8 V, VIN+ = 12 V, VREF = VS / 2, VENABLE = VS, and for all gain options (unless otherwise noted)
VS = 5.0 V, VENABLE = 0 V, VREF = 2.5 V
Figure 31. Output Leakage vs Output Voltage
(A1, A2, and A3 Devices)
VS = 5.0 V, VENABLE = 0 V, VREF = 2.5 V
Figure 32. Output Leakage vs Output Voltage
(A4 and A5 Devices)
VS = 5.0 V, VCM = 0 V
Figure 33. Output Impedance vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com