Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A3IRSWRG4.A Datasheet(PDF) 25 Page - Texas Instruments

Part # INA190A3IRSWRG4.A
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A3IRSWRG4.A Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA190A3IRSWRG4.A Datasheet HTML 21Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 22Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 23Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 24Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 25Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 26Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 27Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 28Page - Texas Instruments INA190A3IRSWRG4.A Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
ENABLE
VS
OUT
REF
GND
IN+
IN±
LOAD
0.1
F
5 V
12 V
R
SENSE
” 1 kO
INA190
25
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.2 Typical Applications
The low input bias current of the INA190 allows accurate monitoring of small-value currents. To accurately
monitor currents in the microamp range, increase the value of the sense resistor to increase the sense voltage
so that the error introduced by the offset voltage is small. The circuit configuration for monitoring low-value
currents is shown in Figure 44. As a result of the differential input impedance of the INA190, limit the value of
RSENSE to 1 kΩ or less for best accuracy.
Figure 44. Microamp Current Measurement
8.2.1 Design Requirements
The design requirements for the circuit shown in Figure 44 are listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage (VS)
5 V
Bus supply rail (VCM)
12 V
Minimum sense current (IMIN)
1 µA
Maximum sense current (IMAX)
150 µA
Device gain (GAIN)
25 V/V
Reference voltage (VREF)
0 V
Amplifier current in sleep or disabled state
< 1 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com