Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A4IDDFR.A Datasheet(PDF) 13 Page - Texas Instruments

Part # INA190A4IDDFR.A
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A4IDDFR.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA190A4IDDFR.A Datasheet HTML 9Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 10Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 11Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 12Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 13Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 14Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 15Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 16Page - Texas Instruments INA190A4IDDFR.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
IN±
IN+
GND
VS
OUT
+
±
REF
ENABLE
(1)
+
±
±
+
INA190
13
INA190
www.ti.com
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The INA190 is a low bias current, low offset, 40-V common-mode, current-sensing amplifier. The DDF SOT-23
and RSW UQFN packages also feature an enable pin. The INA190 is a specially designed, current-sensing
amplifier that accurately measures voltages developed across current-sensing resistors on common-mode
voltages that far exceed the supply voltage. Current is measured on input voltage rails as high as 40 V at VIN+
and VIN–, with a supply voltage, VS, as low as 1.7 V. When disabled, the output goes to a high-impedance state,
and the supply current draw is reduced to less than 0.1 µA. The INA190 is intended for use in both low-side and
high-side current-sensing configurations where high accuracy and low current consumption are required.
7.2 Functional Block Diagram
(1)
The ENABLE pin is available only in the DDF and RSW packages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com