Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA190A5IDDFR Datasheet(PDF) 26 Page - Texas Instruments

Part # INA190A5IDDFR
Description  INA190 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Precision Current-Sense Amplifier With Enable
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA190A5IDDFR Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA190A5IDDFR Datasheet HTML 22Page - Texas Instruments INA190A5IDDFR Datasheet HTML 23Page - Texas Instruments INA190A5IDDFR Datasheet HTML 24Page - Texas Instruments INA190A5IDDFR Datasheet HTML 25Page - Texas Instruments INA190A5IDDFR Datasheet HTML 26Page - Texas Instruments INA190A5IDDFR Datasheet HTML 27Page - Texas Instruments INA190A5IDDFR Datasheet HTML 28Page - Texas Instruments INA190A5IDDFR Datasheet HTML 29Page - Texas Instruments INA190A5IDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Time (250 Ps/div)
0 V
D030
Enable
Output
OUTMIN
MIN
SENSE
V
I
R
GAIN
u
u
SP
SENSE
MAX
V
R
<
I
GAIN
u
26
INA190
SBOS863D – MARCH 2018 – REVISED NOVEMBER 2019
www.ti.com
Product Folder Links: INA190
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.2.2 Detailed Design Procedure
The maximum value of the current-sense resistor is calculated based choice of gain, value of the maximum
current the be sensed (IMAX), and the power supply voltage(VS). When operating at the maximum current, the
output voltage must not exceed the positive output swing specification, VSP. Using Equation 6, for the given
design parameters the maximum value for RSENSE is calculated to be 1.321 kΩ.
(6)
However, because this value exceeds the maximum recommended value for RSENSE, a resistance value of 1 kΩ
must be used. When operating at the minimum current value, IMIN the output voltage must be greater than the
swing to GND (VSN), specification. For this example, the output voltage at the minimum current is calculated
using Equation 7 to be 25 mV, which is greater than the value for VSN.
(7)
8.2.3 Application Curve
Figure 45 shows the output of the device when disabled and enabled while measuring a 40-µA load current.
When disabled, the current draw from the device supply and inputs is less than 106 nA.
Figure 45. Output Disable and Enable Response
9 Power Supply Recommendations
The input circuitry of the INA190 accurately measures beyond the power-supply voltage, VS. For example, VS
can be 5 V, whereas the bus supply voltage at IN+ and IN– can be as high as 40 V. However, the output voltage
range of the OUT pin is limited by the voltage on the VS pin. The INA190 also withstands the full differential input
signal range up to 40 V at the IN+ and IN– input pins, regardless of whether the device has power applied at the
VS pin. There is no sequencing requirement for VS and VIN+ or VIN–.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com