Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA4181A1IPWR.B Datasheet(PDF) 55 Page - Texas Instruments

Part # INA4181A1IPWR.B
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA4181A1IPWR.B Datasheet(HTML) 55 Page - Texas Instruments

Back Button INA4181A1IPWR.B Datasheet HTML 51Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 52Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 53Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 54Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 55Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 56Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 57Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 58Page - Texas Instruments INA4181A1IPWR.B Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 62 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
10X (0.5)
10X (0.2)
8X (0.4)
(1.9)
(1.38)
(0.85)
(R0.05) TYP
WSON - 0.8 mm max height
DSQ0010A
PLASTIC SMALL OUTLINE - NO LEAD
4218906/A 04/2019
NOTES: (continued)
6. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 20X
EXPOSED PAD 11
87% PRINTED SOLDER COVERAGE BY AREA UNDER PACKAGE
SYMM
SYMM
1
5
6
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com