Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358BIDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM358BIDRG4
Description  Industry-Standard Dual Operational Amplifiers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM358BIDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  LM358BIDRG4 Datasheet HTML 1Page - Texas Instruments LM358BIDRG4 Datasheet HTML 2Page - Texas Instruments LM358BIDRG4 Datasheet HTML 3Page - Texas Instruments LM358BIDRG4 Datasheet HTML 4Page - Texas Instruments LM358BIDRG4 Datasheet HTML 5Page - Texas Instruments LM358BIDRG4 Datasheet HTML 6Page - Texas Instruments LM358BIDRG4 Datasheet HTML 7Page - Texas Instruments LM358BIDRG4 Datasheet HTML 8Page - Texas Instruments LM358BIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
Industry-Standard Dual Operational Amplifiers
1 Features
• Wide supply range of 3V to 36V (B, BA versions)
• Quiescent current: 300µA/ch (B, BA versions)
• Unity-gain bandwidth of 1.2MHz (B, BA versions)
• Common-mode input voltage range includes
ground, enabling direct sensing near ground
• 2mV input offset voltage maximum at 25°C (BA
version)
• 3mV input offset voltage maximum at 25°C (A, B
versions)
• Internal RF and EMI filter (B, BA versions)
• On products compliant to MIL-PRF-38535, all
parameters are tested unless otherwise noted. On
all other products, production processing does not
necessarily include testing of all parameters.
2 Applications
• Merchant network and server power supply units
• Multi-function printers
• Power supplies and mobile chargers
• Motor control: AC induction, brushed DC,
brushless DC, high-voltage, low-voltage,
permanent magnet, and stepper motor
• Desktop PC and motherboard
• Indoor and outdoor air conditioners
• Washers, dryers, and refrigerators
• AC inverters, string inverters, central inverters, and
voltage frequency drives
• Uninterruptible power supplies
• Electronic point-of-sale systems
3 Description
The LM358B and LM2904B devices are the
next-generation versions of the industry-standard
operational amplifiers (op amps) LM358 and LM2904,
which include two high-voltage (36V) op amps. These
devices provide outstanding value for cost-sensitive
applications, with features including low offset (300µV,
typical), common-mode input range to ground, and
high differential input voltage capability.
The LM358B and LM2904B op amps simplify circuit
design with enhanced features such as unity-gain
stability, lower offset voltage maximum of 3mV (2mV
maximum for LM358BA and LM2904BA), and lower
quiescent current of 300µA per amplifier (typical).
High ESD (2kV, HBM) and integrated EMI and RF
filters enable the LM358B and LM2904B devices to be
used in the most rugged, environmentally challenging
applications.
The LM358B and LM2904B amplifiers are available
in micro-sized packaging, such as the SOT23-8, as
well as industry standard packages including SOIC,
TSSOP, and VSSOP.
Package Information
PART NUMBER(1)
PACKAGE
PACKAGE SIZE(2)
LM358B, LM358BA, LM2904B,
LM2904BA, LM358, LM358A,
LM2904, LM2904V, LM258,
LM258A
D (SOIC, 8)
4.9mm × 6mm
LM358B, LM358BA, LM2904B,
LM2904BA, LM358, LM358A,
LM2904, LM2490V
PW (TSSOP,
8)
3mm × 6.4mm
LM358B, LM358BA, LM2904B,
LM2904BA, LM358, LM358A,
LM2904, LM2904V, LM258,
LM258A
DGK (VSSOP,
8)
3mm × 4.9mm
LM358B, LM358BA, LM2904B,
LM2904BA
DDF (SOT-23,
8)
2.9mm × 2.8mm
LM358, LM2904
PS (SO, 8)
6.2mm × 7.8mm
LM358, LM2904, LM358A,
LM258, LM258A
P (PDIP, 8)
9.81mm × 9.43mm
LM158, LM158A
JG (CDIP, 8)
9.6mm × 6.67mm
LM158, LM158A
FK (LCCC, 20) 8.89mm × 8.89mm
Family Comparison
Specification
LM358B
LM358BA
LM2904B
LM2904BA
LM358
LM358A
LM2904
LM2904V
LM2904AV
LM258
LM258A
LM158
LM158A
Units
Supply voltage
3 to 36
3 to 36
3 to 30
3 to 26
3 to 30
3 to 30
3 to 30
V
Offset voltage (max, 25°C)
± 3
± 2
± 3
± 2
± 7
± 3
± 7
± 7
± 2
± 5
± 3
± 5
± 2
mV
Input bias current (typ / max)
10 / 35
10 / 35
20 / 250
15 / 100
20 / 250
20 / 250
20 / 150
15 / 80
20 / 150
15 / 50
nA
Gain bandwidth product
1.2
1.2
0.7
0.7
0.7
0.7
0.7
MHz
Supply current (typ, per channel)
0.3
0.3
0.35
0.35
0.35
0.35
0.35
mA
ESD (HBM)
2000
2000
500
500
500
500
500
V
Operating ambient temperature
−40 to 85
−40 to 125
0 to 70
−40 to 125
−40 to 125
−25 to 85
−55 to 125
°C
(1)
For all available packages, see the orderable addendum at the end of the data sheet.
(2)
The package size (length × width) is a nominal value and includes pins, where applicable.
LM158, LM158A, LM258, LM258A
LM2904, LM2904B, LM2904BA, LM2904V
LM358, LM358A, LM358B, LM358BA
SLOS068AB – JUNE 1976 – REVISED OCTOBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM358BIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM358BIDR TI1-LM358BIDR Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI1-LM358BIDR Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI1-LM358BIDR Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI1-LM358BIDR Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358BIDR TI-LM358BIDR Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
More results

Similar Description - LM358BIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM158 TI1-LM158_18 Datasheet
1Mb / 47P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_19 Datasheet
2Mb / 48P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI1-LM158_V02 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM358 TI-LM358_V01 Datasheet
3Mb / 56P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V03 Datasheet
4Mb / 61P
Industry-Standard Dual Operational Amplifiers
LM158 TI-LM158_V04 Datasheet
4Mb / 64P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V05 Datasheet
3Mb / 66P
Industry-Standard Dual Operational Amplifiers
MARCH 2022
LM158 TI-LM158_V06 Datasheet
3Mb / 62P
Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
LM158 TI1-LM158_V07 Datasheet
3Mb / 62P
Industry-Standard Dual Operational Amplifiers
REVISED MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com