Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7805CT/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM7805CT/NOPB
Description  LM340, LM340A and LM7805 Family Wide VIN 1.5-A Fixed Voltage Regulators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7805CT/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM7805CT/NOPB Datasheet HTML 1Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 2Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 3Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 4Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 5Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 6Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 7Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 8Page - Texas Instruments LM7805CT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
2
LM340, LM340A, LM7805, LM7812, LM7815
SNOSBT0L – FEBRUARY 2000 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM340 LM340A LM7805 LM7812 LM7815
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
LM340A Electrical Characteristics,
VO = 5 V, VI = 10 V............................................................ 5
6.6
LM340 / LM7805 Electrical Characteristics,
VO = 5 V, VI = 10 V............................................................ 6
6.7
LM340 / LM7812 Electrical Characteristics,
VO = 12 V, VI = 19 V.......................................................... 7
6.8
LM340 / LM7815 Electrical Characteristics,
VO = 15 V, VI = 23 V.......................................................... 8
6.9
Typical Characteristics .............................................. 9
7
Detailed Description ............................................ 12
7.1
Overview ................................................................. 12
7.2
Functional Block Diagram ....................................... 12
7.3
Feature Description................................................. 12
7.4
Device Functional Modes........................................ 12
8
Application and Implementation ........................ 13
8.1
Application Information............................................ 13
8.2
Typical Applications ................................................ 14
8.3
System Examples ................................................... 15
9
Power Supply Recommendations ...................... 17
10
Layout................................................................... 17
10.1
Layout Guidelines ................................................. 17
10.2
Layout Example ................................................... 17
10.3
Heat Sinking DDPAK/TO-263 and SOT-223
Package Parts.......................................................... 18
11
Device and Documentation Support ................. 20
11.1
Documentation Support ........................................ 20
11.2
Related Links ........................................................ 20
11.3
Receiving Notification of Documentation Updates 20
11.4
Community Resources.......................................... 20
11.5
Trademarks ........................................................... 20
11.6
Electrostatic Discharge Caution ............................ 20
11.7
Glossary ................................................................ 20
12
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision K (November 2015) to Revision L
Page
•
Changed pinout number order for the TO-220 and SOT-223 packages from: 2, 3, 1 to: 1, 2, 3 .......................................... 1
Changes from Revision J (December 2013) to Revision K
Page
•
Added ESD Ratings table, Thermal Information table, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
•
Deleted obsolete LM140 and LM7808C devices from the data sheet ................................................................................... 1
•
Changed Figure 13 caption from Line Regulation 140AK-5.0 to Line Regulation LM340, .................................................. 11
•
Changed Figure 14 caption from Line Regulation 140AK-5.0 to Line Regulation LM340, .................................................. 11
Changes from Revision I (March 2013) to Revision J
Page
•
Changed 0.5 from typ to max ................................................................................................................................................. 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com