Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7388A Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7388A
Description  4 x 42 W quad bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7388A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7388A Datasheet HTML 4Page - STMicroelectronics TDA7388A Datasheet HTML 5Page - STMicroelectronics TDA7388A Datasheet HTML 6Page - STMicroelectronics TDA7388A Datasheet HTML 7Page - STMicroelectronics TDA7388A Datasheet HTML 8Page - STMicroelectronics TDA7388A Datasheet HTML 9Page - STMicroelectronics TDA7388A Datasheet HTML 10Page - STMicroelectronics TDA7388A Datasheet HTML 11Page - STMicroelectronics TDA7388A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Electrical specifications
TDA7388A
8/13
DocID14257 Rev 5
2.4
Electrical characteristic curves
Figure 3. Quiescent current vs. supply voltage
Figure 4. Output power vs. supply voltage
(4 Ohm)
Figure 5. Distortion vs. output power
Figure 6. Distortion vs. frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com