Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7391LVPD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7391LVPD
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPD Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7391LVPD Datasheet HTML 1Page - STMicroelectronics TDA7391LVPD Datasheet HTML 2Page - STMicroelectronics TDA7391LVPD Datasheet HTML 3Page - STMicroelectronics TDA7391LVPD Datasheet HTML 4Page - STMicroelectronics TDA7391LVPD Datasheet HTML 5Page - STMicroelectronics TDA7391LVPD Datasheet HTML 6Page - STMicroelectronics TDA7391LVPD Datasheet HTML 7Page - STMicroelectronics TDA7391LVPD Datasheet HTML 8Page - STMicroelectronics TDA7391LVPD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
December 2014
DocID023014 Rev 3
1/23
TDA7391LV
40 W bridge car radio amplifier with low voltage operation
Datasheet
- production data
Features
 High power capability:
– 40 W/ 4 Ω max
– 45 W/ 3.2 Ω max
– 32 W/ 3.2 Ω @ VS = 14.4 V, f = 1 kHz,
THD = 10 %
– 26 W/ 4 Ω @ VS = 14.4 V, f = 1 kHz,
THD = 10%
 Differential inputs (either single ended or
differential input signal is accepted)
 Minimum external component count
 Standby function (CMOS compatible)
 Capable to operate to 6 V - ‘start-stop’ and
‘e-call’ compatibility
 Protections:
– Short circuit (to GND, to VS, across the
load)
– Very inductive loads
– Chip over temperature
– Load dump
– Open GND
– ESD
Description
The TDA7391LV is a bridge class AB audio power
amplifier for car radio applications.
The high power capability together with the
possibility to operate either in differential input
mode or single ended input mode makes it
suitable for high end car radio equipment. The
exclusive fully complementary output stage and
the internal fixed gain configuration drop the
external component count.
The on board clipping detector allows easy
implementation of gain compression systems.
It is moreover compliant to the most recent OEM
specifications for low voltage operation ('start-
stop' battery profile during engine stop), and e-call
functions.
Table 1. Device summary
Order code
Package
Packing
TDA7391LV
Multiwatt 11
Tube
TDA7391LVPD
PowerSO-20 (slug-down)
Tube
TDA7391LVPDTR
Tape and reel
TDA7391LVPDU
PowerSO-20 (slug-up)
Tube
TDA7391LVPDUTR
Tape and reel
www.st.com


Similar Part No. - TDA7391LVPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA7391LV ETC2-TDA7391LV Datasheet
2Mb / 2P
power amplifiers moving to the green zone
More results

Similar Description - TDA7391LVPD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
logo
STMicroelectronics
TDA7256 STMICROELECTRONICS-TDA7256 Datasheet
116Kb / 10P
30W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391 STMICROELECTRONICS-TDA7391 Datasheet
114Kb / 8P
35W BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
TDA7391PDUTR STMICROELECTRONICS-TDA7391PDUTR Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
logo
Unisonic Technologies
TDA7388 UTC-TDA7388_15 Datasheet
207Kb / 5P
QUAD BRIDGE CAR RADIO AMPLIFIER
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com