Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7391 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7391
Description  35 W bridge car radio amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7391_V01 Datasheet HTML 3Page - STMicroelectronics TDA7391_V01 Datasheet HTML 4Page - STMicroelectronics TDA7391_V01 Datasheet HTML 5Page - STMicroelectronics TDA7391_V01 Datasheet HTML 6Page - STMicroelectronics TDA7391_V01 Datasheet HTML 7Page - STMicroelectronics TDA7391_V01 Datasheet HTML 8Page - STMicroelectronics TDA7391_V01 Datasheet HTML 9Page - STMicroelectronics TDA7391_V01 Datasheet HTML 10Page - STMicroelectronics TDA7391_V01 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DocID1509 Rev 5
7/13
TDA7391
Electrical specifications
12
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
2.3
Electrical characteristics
Refer to the test circuit, VS = 14.4 V; RL = 4 , f = 1 kHz, Tamb = 25 °C; unless otherwise
specified.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VS
DC supply voltage
28
V
VOP
Operating supply voltage
18
V
VPEAK
Peak supply voltage (t = 50 ms)
50
V
IO
Output peak current repetitive (f > 10 Hz)
4.5
A
Output peak current non repetitive
6
A
Ptot
Power dissipation (Tcase = 85 °C)
43
W
Tstg, Tj
Storage and junction temperature(1)
1. A suitable heatsink/dissipation system should be used to keep Tj inside specified limits.
-40 to 150
C
Tamb
Operative ambient temperature range
-40 to 105
°C
Table 4. Thermal data
Symbol
Parameter
Value
Unit
Rth j-case Thermal resistance junction to case
Max
1.8
°C/W
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VS
Supply voltage range
-
8
-
18
V
Iq
Total quiescent current
-
-
60
150
mA
VOS
Output offset voltage
-
-
120
mV
ISB
Standby current
VST-BY = 1.5 V
-
-
100
A
ISBin
Standby input bias current
VST-BY = 5 V
-
-
10
A
VSBon
Standby On threshold voltage
-
-
-
1.5
V
VSBoff
Standby Off threshold voltage
-
3.5
-
-
V
ATTST-BY
Standby attenuation
-
--
90
-
dB
IM_in
Mute input bias current
VMUTE = 5 V
-
-
10
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com