Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7396 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TDA7396
Description  45W/2W BRIDGE CAR RADIO AMPLIFIER WITH DIAGNOSTIC FACILITY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7396 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA7396_V01 Datasheet HTML 1Page - STMicroelectronics TDA7396_V01 Datasheet HTML 2Page - STMicroelectronics TDA7396_V01 Datasheet HTML 3Page - STMicroelectronics TDA7396_V01 Datasheet HTML 4Page - STMicroelectronics TDA7396_V01 Datasheet HTML 5Page - STMicroelectronics TDA7396_V01 Datasheet HTML 6Page - STMicroelectronics TDA7396_V01 Datasheet HTML 7Page - STMicroelectronics TDA7396_V01 Datasheet HTML 8Page - STMicroelectronics TDA7396_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 4: Quiescent Current vs Supply Voltage
Figure 5: EIAJ power vs Supply Voltage
Figure 6: Output Power vs Supply Voltage (RL =2
Ω)
Figure 7: Distortion vs Frequency (RL =2
Ω)
Figure 8: Output Power vs Supply Voltage (RL =4
Ω)
Figure 9: Distortion vs Frequency (RL =4
Ω)
RL = 2
Ω
RL = 4
Ω
RL = 2
Ω
f = 1KHz
VS = 14.4V
RL = 2
Ω
PO = 18W
f (Hz)
VS = 14.4V
RL = 4
Ω
PO = 15W
RL = 4
Ω
f = 1KHz
f (Hz)
TDA7396
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com