Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7391LVPDUTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7391LVPDUTR
Description  40 W bridge car radio amplifier with low voltage operation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391LVPDUTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7391LVPDUTR Datasheet HTML 15Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 16Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 17Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 18Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 19Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 20Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 21Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 22Page - STMicroelectronics TDA7391LVPDUTR Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID023014 Rev 3
19/23
TDA7391LV
Package information
22
b
0.4
0.53
0.0157
0.0209
b1
0.4
0.45
0.5
0.0157
0.0177
0.0197
c
0.23
0.32
0.0091
0.0126
c1
0.23
0.25
0.29
0.0091
0.0098
0.0114
D
15.90 BSC
0.626 BSC
D1(1)
9
13
0.3543
0.5118
D2
1.1
0.0433
D3
5
0.1969
e
1.27 BSC
0.050 BSC
E
14.20 BSC
0.5591 BSC
E1(1)
11.00 BSC
04331 BSC
E2
5.6
6.2
0.2205
0.2441
E3
2.9
0.1142
h
1.1
0.0433
L
0.8
1.1
0.0315
0.0433
L1
1.60 REF
0.063 REF
L2
0.35 BSC
0.0138 BSC
N
20
0.7874
R
0.2
0.0079
R1
0.2
0.0079
S
0.25
0.0098
aaa
0.1
0.0039
bbb
0.3
0.0118
ccc
0.1
0.0039
ddd
0.25
0.0098
eee
0.1
0.0039
ggg
0.25
0.0098
1. Dimensions ‘D’ and ‘E1’ do not include mold flash or protrusions. Allowable mold flash or protrusions is
“0.25 mm” per side D and “0.15 mm” per side E1. D and E1 are Maximum plastic body size dimensions
including mold mismatch.
Table 7. PowerSO-20 (slug-down) package mechanical data (continued)
Symbol
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com