Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7562
Description  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7562 Datasheet HTML 2Page - STMicroelectronics TDA7562 Datasheet HTML 3Page - STMicroelectronics TDA7562 Datasheet HTML 4Page - STMicroelectronics TDA7562 Datasheet HTML 5Page - STMicroelectronics TDA7562 Datasheet HTML 6Page - STMicroelectronics TDA7562 Datasheet HTML 7Page - STMicroelectronics TDA7562 Datasheet HTML 8Page - STMicroelectronics TDA7562 Datasheet HTML 9Page - STMicroelectronics TDA7562 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TDA7562
6/17
Figure 2. Quiescent Current vs. Supply Voltage
Figure 3. Output Power vs. Supply Voltage (4
)
Figure 4. Output Power vs. Supply Voltage (2
)
Figure 5. Distortion vs. Output Power (4
)
Figure 6. Distortion vs. Output Power (2
)
Figure 7. Distortion vs. Output Power (4
)
8
10
121
41
6
18
Vs (V)
50
70
90
110
130
150
170
190
210
230
250
Id (mA)
Vin = 0
NO LOADS
8
9
10
11
12
13
14
15
16
17
18
Vs (V)
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Po (W)
RL = 4 Ohm
f = 1 KHz
THD = 10 %
THD = 1 %
Po-max
8
9
10
11
12
13
14
15
16
Vs (V)
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Po (W)
RL = 2 Ohm
f = 1 KHz
THD = 10 %
THD = 1 %
Po-max
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
Vs = 14.4 V
RL = 4 Ohm
f = 1 KHz
0.1
1
10
Po (W)
0.01
0.1
1
10
THD (%)
f = 10 KHz
Vs = 14.4 V
RL = 2 Ohm
f = 1 KHz
10
100
1000
10000
f (Hz)
0.01
0.1
1
10
THD (%)
Vs = 14.4 V
RL = 4 Ohm
Po = 4 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com