Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7563A Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7563A
Description  4 x 50 W power amplifier with high efficiency and built-in I2C diagnostic
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7563A Datasheet HTML 8Page - STMicroelectronics TDA7563A Datasheet HTML 9Page - STMicroelectronics TDA7563A Datasheet HTML 10Page - STMicroelectronics TDA7563A Datasheet HTML 11Page - STMicroelectronics TDA7563A Datasheet HTML 12Page - STMicroelectronics TDA7563A Datasheet HTML 13Page - STMicroelectronics TDA7563A Datasheet HTML 14Page - STMicroelectronics TDA7563A Datasheet HTML 15Page - STMicroelectronics TDA7563A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Electrical specifications
TDA7563A
12/35
DocID14407 Rev 5
Figure 15. Power dissipation and efficiency vs.
output power (4 Ω, STD, SINE)
Figure 16. Power dissipation and efficiency vs.
output power (4 Ω, HI-EFF, SINE)
Figure 17. Power dissipation vs. average output
power (audio program simulation, 4
Ω)
Figure 18. Power dissipation vs. average output
power (audio program simulation, 2 Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com