Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7563BH Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7563BH
Description  4 x 50 W multifunction quad power amplifier with built-in diagnostics feature
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563BH Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7563BH Datasheet HTML 5Page - STMicroelectronics TDA7563BH Datasheet HTML 6Page - STMicroelectronics TDA7563BH Datasheet HTML 7Page - STMicroelectronics TDA7563BH Datasheet HTML 8Page - STMicroelectronics TDA7563BH Datasheet HTML 9Page - STMicroelectronics TDA7563BH Datasheet HTML 10Page - STMicroelectronics TDA7563BH Datasheet HTML 11Page - STMicroelectronics TDA7563BH Datasheet HTML 12Page - STMicroelectronics TDA7563BH Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
TDA7563B
Electrical specifications
Doc ID 12733 Rev 6
9/33
PO
Output power
RL = 2 ; EIAJ (VS = 13.7 V)
RL = 2 ; THD 10 %
RL = 2 ; THD 1 %
RL = 2 ; max power
55
40
32
60
68
50
40
75
-W
THD
Total harmonic distortion
PO = 1 W to 10 W; STD mode
HE mode; PO = 1.5 W
HE mode; PO = 8 W
-
0.03
0.02
0.15
0.1
0.1
0.5
%
PO = 1-10 W, f = 10 kHz
-
0.2
0.5
%
GV = 16d B; STD mode
VO = 0.1 to 5 VRMS
-
0.02
0.05
%
CT
Cross talk
f = 1 kHz to 10 kHz, Rg = 600 
50
60
-
dB
RIN
Input impedance
-
60
100
130
k
GV1
Voltage gain 1
-
29.5
30
30.5
dB
G
V1
Voltage gain match 1
-
-1
-
1
dB
GV2
Voltage gain 2
-
15.5
16
16.5
dB
G
V2
Voltage gain match 2
-
-1
-
1
dB
EIN1
Output noise voltage 1
Rg = 600  20 Hz to 22 kHz
-
50
100
µV
EIN2
Output noise voltage 2
Rg = 600 ; GV = 16 dB
20 Hz to 22 kHz
-15
30
µV
SVR
Supply voltage rejection
f = 100 Hz to 10 kHz; Vr = 1 Vpk;
Rg = 600 
50
60
-
dB
BW
Power bandwidth
-
100
-
-
kHz
ASB
Standby attenuation
-
90
110
-
dB
ISB
Standby current
Vst-by = 0
-
1
10
µA
AM
Mute attenuation
-
80
100
-
dB
VOS
Offset voltage
Mute and play
-100
0
100
mV
VAM
Min. supply mute threshold
-
7
7.5
8
V
TON
Turn on delay
D2/D1 (IB1) 0 to 1
-
5
20
ms
TOFF
Turn off delay
D2/D1 (IB1) 1 to 0
-
5
20
ms
VSBY
Standby/mute pin for st-by
-
0
-
1.5
V
VMU
Standby/mute pin for mute
-
3.5
-
5
V
CMRR
Input CMRR
VCM = 1 Vpk-pk; Rg = 0 
-55-
dB
VOP
Standby/mute pin for operating
-
7
-
VS
V
IMU
Standby/mute pin current
Vst-by/mute = 8.5 V
-
20
40
µA
Vst-by/mute < 1.5 V
-
0
5
µA
CDLK
Clip det high leakage current
CD off / VCD = 6 V
-
0
5
µA
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
-
300
mV
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com