Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7564BH Datasheet(PDF) 32 Page - STMicroelectronics

Part # TDA7564BH
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics feature
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BH Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TDA7564BH Datasheet HTML 26Page - STMicroelectronics TDA7564BH Datasheet HTML 27Page - STMicroelectronics TDA7564BH Datasheet HTML 28Page - STMicroelectronics TDA7564BH Datasheet HTML 29Page - STMicroelectronics TDA7564BH Datasheet HTML 30Page - STMicroelectronics TDA7564BH Datasheet HTML 31Page - STMicroelectronics TDA7564BH Datasheet HTML 32Page - STMicroelectronics TDA7564BH Datasheet HTML 33Page - STMicroelectronics TDA7564BH Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Package information
TDA7564B
32/34
Doc ID 12734 Rev 4
Figure 35. PowerSO36 (slug up) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.270
-
3.410 0.1287
-
0.1343
A2
3.100
-
3.180 0.1220
-
0.1252
A4
0.800
-
1.000 0.0315
-
0.0394
A5
-
0.200
-
-
0.0079
-
a1
0.030
-
-0.040 0.0012
-
-0.0016
b
0.220
-
0.380 0.0087
-
0.0150
c
0.230
-
0.320 0.0091
-
0.0126
D
15.800
-
16.000 0.6220
-
0.6299
D1
9.400
-
9.800 0.3701
-
0.3858
D2
-
1.000
-
-
0.0394
-
E
13.900
-
14.500 0.5472
-
0.5709
E1
10.900
-
11.100 0.4291
-
0.4370
E2
-
-
2.900
-
-
0.1142
E3
5.800
-
6.200 0.2283
-
0.2441
E4
2.900
-
3.200 0.1142
-
0.1260
e
-
0.650
-
-
0.0256
-
e3
-
11.050
-
-
0.4350
-
G
0
-
0.075
0
-
0.0031
H
15.500
-
15.900 0.6102
-
0.6260
h
-
-
1.100
-
-
0.0433
L
0.800
-
1.100 0.0315
-
0.0433
N
-
-
10˚
-
-
10˚
s
-
-8˚
-
-8˚
(1) “D and E1” do not include mold flash or protusions.
Mold flash or protusions shall not exceed 0.15mm (0.006”).
(2) No intrusion allowed inwards the leads.
PowerSO36 (SLUG UP)
7183931 G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com