Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7567PDTR Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7567PDTR
Description  4 x 50 W differential quad power amplifier with built-in diagnostics features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7567PDTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7567PDTR Datasheet HTML 7Page - STMicroelectronics TDA7567PDTR Datasheet HTML 8Page - STMicroelectronics TDA7567PDTR Datasheet HTML 9Page - STMicroelectronics TDA7567PDTR Datasheet HTML 10Page - STMicroelectronics TDA7567PDTR Datasheet HTML 11Page - STMicroelectronics TDA7567PDTR Datasheet HTML 12Page - STMicroelectronics TDA7567PDTR Datasheet HTML 13Page - STMicroelectronics TDA7567PDTR Datasheet HTML 14Page - STMicroelectronics TDA7567PDTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
TDA7567PD
Electrical specifications
Doc ID 16903 Rev 2
11/30
Figure 4.
ITU R-ARM frequency response, weighting filter for transient pop
Pvs
Short to Vs det. (Above this
limit, the output is considered
in short circuit to VS)
Power amplifier in mute or play,
one or more short circuits
protection activated
Vs -1.2
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the
output is considered without
faults).
1.8
-
Vs -1.8
V
LSC
Shorted load det.
Power amplifier mode
-
-
0.5
Line driver mode
-
-
1.5
VO
Offset detection
Power amplifier in play,
AC Input signals = 0
±1.5
±2
±2.5
V
INLH
Normal load current detection VO < (VS - 5)pk IB2 (D7) = 0
500
-
-
mA
INLL
Normal load current detection VO < (VS - 5)pk IB2 (D7) = 1
300
-
-
mA
IOLH
Open load current detection
VO < (VS - 5)pk IB2 (D7) = 0
-
-
250
mA
IOLL
Open load current detection
VO < (VS - 5)pk IB2 (D7) =1
-
-
125
mA
I2C bus interface
SCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
1.5
V
VIH
Input high voltage
-
2.3
-
-
V
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Output attenuation (dB)
-50
-40
-30
-20
-10
0
10
10
100
1000
10000
100000
Hz
AC00343



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com