Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB450-RFS433 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # MB450-RFS433
Description  Antenna
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

MB450-RFS433 Datasheet(HTML) 2 Page - rfsolutions.ltd

  MB450-RFS433 Datasheet HTML 1Page - rfsolutions.ltd MB450-RFS433 Datasheet HTML 2Page - rfsolutions.ltd MB450-RFS433 Datasheet HTML 3Page - rfsolutions.ltd MB450-RFS433 Datasheet HTML 4Page - rfsolutions.ltd MB450-RFS433 Datasheet HTML 5Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS039-10
Sept ‘05
©2005 REG No 277 4001, ENGLAND.
Page 2
Antenna
Puk Antenna
Panel Mounting Puk Antenna
Rugged Plastic Finish
Available with BNC, SMA Fixings
Dipole Antenna
Flat Form Dipole Antenna
Tuned for european GSM frequencies
Rugged Plastic Finish
Self Adhesive Pad
Available with SMA Fixing
GPS Antenna
Compact Puck Style Antenna
Tuned to GPS frequency
Rugged Plastic Finish
Magnetic mounting base
Active gain: +27dB
Voltage: 3.3 – 5.5V
Max current: 25mA
Available with SMA/HFL or MMCX
Fixing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com