Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1932 Datasheet(PDF) 42 Page - Microchip Technology

Part # PAC1932
Description  Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1932 Datasheet(HTML) 42 Page - Microchip Technology

Back Button PAC1932 Datasheet HTML 38Page - Microchip Technology PAC1932 Datasheet HTML 39Page - Microchip Technology PAC1932 Datasheet HTML 40Page - Microchip Technology PAC1932 Datasheet HTML 41Page - Microchip Technology PAC1932 Datasheet HTML 42Page - Microchip Technology PAC1932 Datasheet HTML 43Page - Microchip Technology PAC1932 Datasheet HTML 44Page - Microchip Technology PAC1932 Datasheet HTML 45Page - Microchip Technology PAC1932 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
PAC1932/3/4
DS20005850C-page 42
 2017-2018 Microchip Technology Inc.
REGISTER 6-10:
CHANNEL_DIS AND SMBUS (ADDRESS 1CH)
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
RW-0
U
CH1_OFF
CH2_OFF
CH3_OFF
CH4_OFF
TIMEOUT
BYTE
COUNT
NO SKIP
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writeable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
CHn_OFF<7:4>
: allows one or more channels to be inactive during the conversion cycle. These
settings apply for normal continuous round-robin conversion cycles or Single-Shot mode, if Single-Shot
mode is selected. Note that if a channel is set to inactive, the auto incrementing address pointer will
skip addresses associated with that channel unless the Pointer Skipping bit 1 in this register is set.
Changes to bits 7-4 do not take effect until a REFRESH, REFRESH_V, or REFRESH_G command are
sent.
Changes to bits 3-1 take place as soon as a new value is written, they are not gated by a REFRESH
command like most other control bits.
bit 7
0
= CH1 ON. Channel 1 active during conversion cycle
1
= CH1 OFF. Channel 1 inactive during conversion cycle
bit 6
0
= CH1 ON. Channel 2 active during conversion cycle
1
= CH1 OFF. Channel 2 inactive during conversion cycle
bit 5
0
= CH1 ON. Channel 3 active during conversion cycle
1
= CH1 OFF. Channel 3 inactive during conversion cycle (for PAC1932 and PAC1933, this bit is set to
1
with factory trim and cannot be written)
bit 4
0
= CH1 ON. Channel 4 active during conversion cycle
1
= CH1 OFF. Channel 4 inactive during conversion cycle (for PAC1933, this bit is set to 1 with factory
trim and cannot be written)
bit 3
TIMEOUT
: Timeout enable bit. The SMBus timeout is disabled by default, and is enabled by setting this
bit.
0
= No SMBus timeout feature
1
= SMBus timeout feature is available.
bit 2
BYTE COUNT
: causes Byte Count data to be included in the response to the SMBus Block Read
command for each register read. This functionality is disabled by default, and Block Read corresponds
to I2C protocol.
0
= No Byte Count in response to a Block Read command
1
= Data in response to a Block Read command includes the Byte Count data
bit 1
NO SKIP
: controls the auto-incrementing of the address pointer for channels that are inactive.
0
= The auto-incrementing pointer will skip over addresses used by/for channels that are inactive.
1
= The auto-incrementing pointer will not skip over addresses used by/for channels that are inactive.
With this setting, these channels that are disabled will read 0xFF if read.
bit 0
Unimplemented bits always read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com