Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3578AMX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3578AMX/NOPB
Description  LM2578A/LM3578A Switching Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3578AMX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3578AMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 18Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 19Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 20Page - Texas Instruments LM3578AMX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
LM2578A, LM3578A
www.ti.com
SNVS767E – AUGUST 2000 – REVISED APRIL 2013
Component values are selected as outlined for the buck regulator with a discontinuity factor of 10%, with the
addition of R4 and R5:
R4 = 10VBE1Bf/Ip
R5 = (Vin − V − VBE1 − Vsat) Bf/(IL(max, DC) + IR4)
where:
VBE1 is the VBE of transistor Q1.
Vsat is the saturation voltage of the LM2578A output transistor.
V is the current limit sense voltage.
Bf is the forced current gain of transistor Q1 (Bf = 30 for Figure 30).
IR4 = VBE1/R4
Ip = IL(max, DC) + 0.5ΔIL
Vin = 15V
R4 = 200
Ω
Vo = 5V
R5 = 330
Ω
Vripple = 50 mV
C1 = 1820 pF
Io = 1.5A
C2 = 330
μF
fosc = 50 kHz
C3 = 20 pF
R1 = 40 k
Ω
L1 = 220
μH
R2 = 10 k
Ω
D1 = 1N5819
R3 = 0.05
Ω
Q1 = D45
Figure 30. Buck Converter with Boosted Output Current
BOOST REGULATOR
The boost regulator converts a low input voltage into a higher output voltage. The basic configuration is shown in
Figure 31. Energy is stored in the inductor while the transistor is on and then transferred with the input voltage to
the output capacitor for filtering when the transistor is off. Thus,
Vo = Vin + Vin(ton/toff).
Figure 31. Basic Boost Regulator
The circuit of Figure 32 converts a 5V supply into a 15V supply with 150 mA of output current, a load regulation
of 14 mV (30 mA to 140 mA), and a line regulation of 35 mV (4.5V
≤ Vin ≤ 8.5V).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM2578A LM3578A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com