Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2907M/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2907M/NOPB
Description  LM2907 and LM2917 Frequency to Voltage Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2907M/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2907M/NOPB Datasheet HTML 2Page - Texas Instruments LM2907M/NOPB Datasheet HTML 3Page - Texas Instruments LM2907M/NOPB Datasheet HTML 4Page - Texas Instruments LM2907M/NOPB Datasheet HTML 5Page - Texas Instruments LM2907M/NOPB Datasheet HTML 6Page - Texas Instruments LM2907M/NOPB Datasheet HTML 7Page - Texas Instruments LM2907M/NOPB Datasheet HTML 8Page - Texas Instruments LM2907M/NOPB Datasheet HTML 9Page - Texas Instruments LM2907M/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
LM2907-N, LM2917-N
SNAS555D – JUNE 2000 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: LM2907-N LM2917-N
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
LM2907, LM2917
UNIT
P (PDIP)
D (SOIC)
NFF (PDIP)
D (SOIC)
8 PINS
8 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
77.6
110
69.1
83.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
80.5
53.9
64.8
42.1
°C/W
RθJB
Junction-to-board thermal resistance
54.8
50.4
49.1
38
°C/W
ψJT
Junction-to-top characterization parameter
37.6
9.1
35.1
7.7
°C/W
ψJB
Junction-to-board characterization
parameter
54.8
49.9
49
37.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal
resistance
—
—
—
—
°C/W
(1)
Hysteresis is the sum VTH – (–VTH), offset voltage is their difference. See test circuit.
(2)
VOH = 0.75 × VCC – 1 VBE and VOL = 0.25 × VCC – 1 VBE, therefore VOH – VOL = VCC / 2. The difference (VOH – VOL) and the mirror gain
(I2 / I3) are the two factors that cause the tachometer gain constant to vary from 1.
(3)
Ensure that when choosing the time constant R1 × C1 that the maximum anticipated output voltage at CP2/IN+ can be reached with I3 ×
R1. The maximum value for R1 is limited by the output resistance of CP2/IN+ which is greater than 10 MΩ typically.
(4)
Nonlinearity is defined as the deviation of VOUT (at CP2/IN+) for fIN = 5 kHz from a straight line defined by the VOUT at 1 kHz and VOUT
at 10 kHz. C1 = 1000 pF, R1 = 68 kΩ and C2 = 0.22 µF.
7.5 Electrical Characteristics
VCC = 12 VDC, TA = 25°C, see test circuit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TACHOMETER
Input thresholds
VIN = 250 mVp-p at 1 kHz
(1)
±10
±25
±40
mV
Hysteresis
VIN = 250 mVp-p at 1 kHz
(1)
30
mV
LM29x7 offset voltage
VIN = 250 mVp-p at 1 kHz
(1)
3.5
10
mV
VIN = 250 mVp-p at 1 kHz (8-pin LM29x7)
(1)
5
15
Input bias current
VIN = ±50 mVDC
0.1
1
μA
VOH
High level output voltage
For CP1, VIN = 125 mVDC
(2)
8.3
V
VOL
Low level output voltage
For CP1, VIN = –125 mVDC
(2)
2.3
V
I2, I3
Output current
V2 = V3 = 6 V(3)
140
180
240
μA
I3
Leakage current
I2 = 0, V3 = 0
0.1
μA
K
Gain constant
See(2)
0.9
1
1.1
Linearity
fIN = 1 kHz, 5 kHz, or 10 kHz
(4)
–1%
0.3%
1%
OP AMP AND COMPARATOR
VOS
Input offset voltage
VIN = 6 V
3
10
mV
IBIAS
Bias current
VIN = 6 V
50
500
nA
Input common-mode voltage
0
VCC–1.5
V
Voltage gain
200
V/mV
Output sink current
VC = 1
40
50
mA
Output source current
VE = VCC –2
10
mA
Saturation voltage
ISINK = 5 mA
0.1
0.5
V
ISINK = 20 mA
1
V
ISINK = 50 mA
1
1.5
V
ZENER REGULATOR
Regulator voltage
RDROP = 470 Ω
7.56
V
Series resistance
10.5
15
Ω
Temperature stability
1
mV/°C
Total supply current
3.8
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com