Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4950TS Datasheet(PDF) 24 Page - Texas Instruments

Part # LM4950TS
Description  LM4950 Boomer ™ Audio Power Amplifier Series 7.5W Mono-BTL or 3.1W Stereo Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4950TS Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM4950TS Datasheet HTML 20Page - Texas Instruments LM4950TS Datasheet HTML 21Page - Texas Instruments LM4950TS Datasheet HTML 22Page - Texas Instruments LM4950TS Datasheet HTML 23Page - Texas Instruments LM4950TS Datasheet HTML 24Page - Texas Instruments LM4950TS Datasheet HTML 25Page - Texas Instruments LM4950TS Datasheet HTML 26Page - Texas Instruments LM4950TS Datasheet HTML 27Page - Texas Instruments LM4950TS Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LM4950
SNAS174E – JULY 2003 – REVISED MAY 2013
www.ti.com
Figure 71. Recommended KTW BTL PCB Layout:
Top Layer
Figure 72. Recommended KTW BTL PCB Layout:
Bottom Layer
24
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4950



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com