Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5102 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5102
Description  LM5102 High-Voltage Half-Bridge Gate Driver With Programmable Delay
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5102 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5102 Datasheet HTML 8Page - Texas Instruments LM5102 Datasheet HTML 9Page - Texas Instruments LM5102 Datasheet HTML 10Page - Texas Instruments LM5102 Datasheet HTML 11Page - Texas Instruments LM5102 Datasheet HTML 12Page - Texas Instruments LM5102 Datasheet HTML 13Page - Texas Instruments LM5102 Datasheet HTML 14Page - Texas Instruments LM5102 Datasheet HTML 15Page - Texas Instruments LM5102 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
BOOT
43.01nc
C
2.2V
=
TOTAL
0.95
Q
43nC
10 A
100kHz
=
+
m
´
Max
TOTAL
gmax
HBO
SW
D
Q
Q
I
F
=
+
´
TOTAL
BOOT
HB
Q
C
V
=
D
LM5102
SNVS268B – MAY 2004 – REVISED DECEMBER 2014
www.ti.com
Typical Application (continued)
8.2.1 Design Requirements
PARAMETERS
VALUES
Gate Drive IC
LM5102
Mosfet
CSD18531Q5A
VDD
10 V
Qgmax
43 nC
Fsw
100 kHz
DMax
95%
IHBO
10 µA
VDH
1.1 V
VHBR
7.1 V
VHBH
0.4 V
8.2.2 Detailed Design Procedure
ΔVHB = VDD – VDH – VHBL
where
VDD = Supply voltage of the gate drive IC
VDH = Bootstrap diode forward voltage drop
Vgsmin = Minimum gate source threshold voltage
(1)
(2)
(3)
The quiescent current of the bootstrap circuit is 10 µA which is negligible compared to the Qgs of the mosfet.
(4)
QTOTAL = 43.01 nC
(5)
In practice the value for the CBOOT capacitor should be greater than that calculated to allow for situations where
the power stage may skip pulse due to load transients. In this circumstance the boot capacitor must maintain the
HB Pin voltage above the UVLO Voltage for the HB circuit.
As a general rule the local VDD bypass capacitor should be 10 times greater than the value of CBOOT.
VHBL = VHBR – VHBH
(6)
VHBL = 6.7 V
(7)
ΔVHB = 10 V – 1.1 V – 6.7 V
(8)
ΔVHB = 2.2 V
(9)
(10)
CBOOT = 19.54 nF
(11)
The bootstrap and bias capacitors should be ceramic types with X7R dielectric. The voltage rating should be
twice that of the maximum VDD to allow for loss of capacitance once the devices have a dc bias voltage across
them and to ensure long term reliability of the devices.
The resistor values, RT1 and RT2, for setting turn on delay can be found in Figure 18.
12
Submit Documentation Feedback
Copyright © 2004–2014, Texas Instruments Incorporated
Product Folder Links: LM5102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com