Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5166DRCR.A Datasheet(PDF) 22 Page - Texas Instruments

Part # LM5166DRCR.A
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCR.A Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM5166DRCR.A Datasheet HTML 18Page - Texas Instruments LM5166DRCR.A Datasheet HTML 19Page - Texas Instruments LM5166DRCR.A Datasheet HTML 20Page - Texas Instruments LM5166DRCR.A Datasheet HTML 21Page - Texas Instruments LM5166DRCR.A Datasheet HTML 22Page - Texas Instruments LM5166DRCR.A Datasheet HTML 23Page - Texas Instruments LM5166DRCR.A Datasheet HTML 24Page - Texas Instruments LM5166DRCR.A Datasheet HTML 25Page - Texas Instruments LM5166DRCR.A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
8
FB
7
EN
RUV1
RHYS
1 M
4.02 k
VOUTMASTER = 2.5 V
RFB1
RFB2
105 k
100 k
1.223 V
8
FB
7
EN
RPGOOD
100 k
RFB3
RFB4
22.4 k
100 k
1.223 V
VOUTSLAVE = 1.5 V
VIN(ON) = 4.5 V
VIN(OFF) = 4.1 V
Regulator #1
Startup based on
Input Voltage UVLO
Regulator #2
Sequential Startup
based on PGOOD
PGOOD
6
PGOOD
6
9
HYS
9
HYS
RUV2
374 k
UV1
IN(off)
UV2
HYS
R
V
1.144V
1
R
R
§
·
˜ ¨
¸
©
¹
UV1
IN(on)
UV2
R
V
1.22V
1
R
§
·
˜ ¨
¸
©
¹
22
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
However, many applications benefit from using a resistor divider RUV1 and RUV2 as shown in Figure 44 to
establish a precision UVLO level. Adding RHYS and the connection to the HYS pin increases the voltage
hysteresis as needed.
The input UVLO voltages are calculated using Equation 16 and Equation 17.
(16)
(17)
The LM5166 enters a low IQ shutdown mode when EN is pulled below an NPN transistor base-emitter voltage
drop (approximately 0.6 V at room temperature). If EN is below this hard shutdown threshold, the internal LDO
regulator powers off and the internal bias supply rail collapses, turning off the bias currents of the LM5166.
7.3.7 Power Good (PGOOD)
The LM5166 has a built-in PGOOD flag to indicate whether the output voltage is within a regulation window. The
PGOOD signal can be used for start-up sequencing of downstream converters, as shown in Figure 45, or fault
protection. PGOOD is an open-drain output that requires a pullup resistor to a DC supply (12 V maximum).
Typical range of pullup resistance is 10 k
Ω to 100 kΩ. If necessary, use a resistor divider to decrease the
PGOOD pin voltage from a higher pullup rail.
Figure 45. Master-Slave Sequencing Implementation Using PGOOD and EN
When the FB voltage exceeds 94% of the internal reference VFB1, the PGOOD switch turns off and PGOOD will
be pulled high. If the FB voltage falls below 87% of VFB1, the PGOOD switch turns on, and PGOOD pulls low to
indicate power bad. The rising edge of PGOOD has a built-in noise filter delay of 5 µs.
7.3.8 Configurable Soft Start (SS)
The LM5166 has a flexible and easy-to-use start-up control through the SS pin. A soft-start feature prevents
inrush current impacting the LM5166 and its supply when power is first applied. Soft start is achieved by slowly
ramping up the target regulation voltage when the device is enabled or powered up. Selectable and adjustable
soft-start timing options include minimum delay (no soft-start), 900-µs internally fixed soft-start, and an externally-
adjustable soft start.
The simplest way to use the LM5166 is to leave the SS pin open circuit for a 900-µs soft-start time. The LM5166
will employ the internal soft-start control ramp and start-up to the regulated output voltage. In applications with a
large amount of output capacitors, higher VOUT, or other special requirements, extend the soft-start time by
connecting an external capacitor CSS from SS to GND. Longer soft-start time further reduces the supply current
needed to charge the output capacitors. An internal current source (ISS = 10 µA) charges CSS and generates a
ramp to control the ramp rate of the output voltage. For a desired soft-start time tSS, the CSS capacitance is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com