Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5166DRCT Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5166DRCT
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT Datasheet(HTML) 4 Page - Texas Instruments

  LM5166DRCT Datasheet HTML 1Page - Texas Instruments LM5166DRCT Datasheet HTML 2Page - Texas Instruments LM5166DRCT Datasheet HTML 3Page - Texas Instruments LM5166DRCT Datasheet HTML 4Page - Texas Instruments LM5166DRCT Datasheet HTML 5Page - Texas Instruments LM5166DRCT Datasheet HTML 6Page - Texas Instruments LM5166DRCT Datasheet HTML 7Page - Texas Instruments LM5166DRCT Datasheet HTML 8Page - Texas Instruments LM5166DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
4
LM5166
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Fixed output setting.
(4)
Adjustable output setting.
6 Specifications
6.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted).
(1) (2)
MIN
MAX
UNIT
VIN, EN to GND
–0.3
68
V
SW to GND
–0.7
VVIN + 0.3
V
20-ns transient
–3
PGOOD, VOUT(3) to GND
–0.3
16
V
HYS to GND
–0.3
7
V
ILIM, SS, RT, FB(4) to GND
–0.3
3.6
V
Maximum junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
Operating Ratings are conditions under which the device is intended to be functional. For specifications and test conditions, see
Electrical Characteristics.
6.3 Recommended Operating Conditions
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted).
(1)
MIN
NOM
MAX
UNIT
Input voltages
VIN
3
65
V
EN
–0.3
65
PGOOD
–0.3
12
HYS
–0.3
5.5
Output current
IOUT
0
500
mA
Temperature
Operating junction temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM5166
UNIT
DRC (VSON)
10 PINS
RθJA
Junction-to-ambient thermal resistance
49.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.2
°C/W
RθJB
Junction-to-board thermal resistance
26.6
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
23.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com