Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5166DRCT.B Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5166DRCT.B
Description  LM5166 3-V to 65-V Input, 500-mA Synchronous Buck Converter With Ultra-Low IQ
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5166DRCT.B Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5166DRCT.B Datasheet HTML 35Page - Texas Instruments LM5166DRCT.B Datasheet HTML 36Page - Texas Instruments LM5166DRCT.B Datasheet HTML 37Page - Texas Instruments LM5166DRCT.B Datasheet HTML 38Page - Texas Instruments LM5166DRCT.B Datasheet HTML 39Page - Texas Instruments LM5166DRCT.B Datasheet HTML 40Page - Texas Instruments LM5166DRCT.B Datasheet HTML 41Page - Texas Instruments LM5166DRCT.B Datasheet HTML 42Page - Texas Instruments LM5166DRCT.B Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 57 page
background image
39
LM5166
www.ti.com
SNVSA67B – DECEMBER 2016 – REVISED JUNE 2017
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
8.2.4.2.3
Switching Frequency – LF
Tie RT to GND to select PFM mode of operation. The inductor, input voltage, output voltage and peak current
determine the pulse switching frequency of a PFM-configured LM5166. For a given input voltage, output voltage
and peak current, the inductance of LF sets the switching frequency when the output is in regulation. Use
Equation 28 to select an inductance of 22 μH based on the target PFM converter switching frequency of 100 kHz
at 12-V input.
IPK(PFM) in this example is the peak current limit setting of 1.25 A plus the inductor current overshoot resulting
from the 80-ns peak current comparator delay. An additional constraint on the inductance is the 180-ns minimum
on-time of the high-side MOSFET. Therefore, to keep the inductor current well controlled, choose an inductance
that is larger than LF(min) using Equation 29.
Choose an inductor with saturation current rating above the peak current limit setting, and allow for derating of
the saturation current at the highest expected operating temperature.
8.2.4.2.4
Output Capacitors – COUT
The output capacitor, COUT, filters the ripple current of the inductor and stores energy to meet the load current
requirement when the LM5166 is in sleep mode. The output ripple has a base component of amplitude VOUT/123
related to the typical feedback comparator hysteresis in PFM. The wake-up time from sleep to active mode adds
a ripple voltage component that is a function of the output current. Approximate the total output ripple by
Equation 30.
Also, the output capacitance must be large enough to accept the energy stored in the inductor without a large
deviation in output voltage. Setting this voltage change equal to 1% of the output voltage results in a COUT
requirement defined with Equation 31.
In general, select the capacitance of COUT to limit the output voltage ripple at full load current, ensuring that it is
rated for worst-case RMS ripple current given by IRMS = IPK(PFM)/2. In this design example, select two 100-μF, 10-
V capacitors with a high-quality dielectric.
8.2.4.2.5
Input Capacitor – CIN
The input capacitor, CIN, filters the triangular current waveform of the high-side MOSFET (see Figure 89). To
prevent large ripple voltage, use a low-ESR ceramic input capacitor sized for the worst-case RMS ripple current
given by IRMS = IOUT/2. In this design example, choose a 4.7-μF, 50-V ceramic input capacitor with a high-quality
dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com