Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC660CM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMC660CM/NOPB
Description  LMC66x CMOS Dual Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMC660CM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMC660CM/NOPB Datasheet HTML 1Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 2Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 3Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 4Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 5Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 6Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 7Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 8Page - Texas Instruments LMC660CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LMC66x CMOS Dual Operational Amplifiers
1 Features
• Rail-to-rail output swing
• Specified for 2kΩ and 600Ω loads
• High voltage gain: 126dB
• Low input offset voltage: 3mV
• Low offset voltage drift: 1.3μV/°C
• Ultra low input bias current: 2fA
• Low voltage noise: 22nV/√Hz
• Input common-mode range includes V−
• Operating range from 4.75V to 15.5V supply
• ISS = 400μA/amplifier; Independent of V+
• Slew rate: 1.1V/μs
2 Applications
• High-impedance buffer or preamplifier
• Precision current-to-voltage converter
• Long-term integrator
• Sample-and-hold circuit
• Peak detector
• Medical instrumentation
• Industrial controls
• Automotive sensors
3 Description
The dual LMC662 and quad LMC660 (LMC66x) are
CMOS operational amplifiers designed for operation
from a single supply, and built with TI's advanced
CMOS process. The device operates from 5V to 15V
and features rail-to-rail output swing in addition to
an input common-mode range that includes ground.
Performance limitations that have plagued CMOS
amplifiers in the past are not a problem with this
design. Input offset voltage (VOS), offset drift, and
broadband noise as well as voltage gain into realistic
loads (2kΩ and 600Ω) are all equal to or better than
widely accepted bipolar equivalents.
Device Information
PART NUMBER
CHANNEL COUNT
PACKAGE(1)
LMC662
Dual
D (SOIC, 8)
P (PDIP, 8)
LMC660
Quad
D (SOIC, 8)
P (PDIP, 8)
(1)
For all available packages, see Section 9.
1k
RES11A00-Q1
10k
+
–
+
–
1k
10k
IN
IN+
LMC66x
9k
RES11A90-Q1
REF
1k
+
–
9k
1k
OUT
LMC66x
LMC66x
C2
C3
C1
C4
Typical Application: Instrumentation Amplifier With RES11A
Typical Application: Low Leakage Sample and Hold
LMC660, LMC662
SNOSC51D – MARCH 1998 – REVISED FEBRUARY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMC660CM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC660CM/NOPB TI1-LMC660CM/NOPB Datasheet
1Mb / 22P
LMC660 CMOS Quad Operational Amplifier
More results

Similar Description - LMC660CM/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS272C STMICROELECTRONICS-TS272C Datasheet
216Kb / 9P
HIGH SPEED CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621_01 Datasheet
163Kb / 7P
Dual, Low Power CMOS Operational Amplifiers
May 2001
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
March 4, 2010
logo
STMicroelectronics
TS272IDT STMICROELECTRONICS-TS272IDT Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS27M2 STMICROELECTRONICS-TS27M2 Datasheet
205Kb / 14P
Low-power CMOS dual operational amplifiers
18-Aug-2009
TS272AID STMICROELECTRONICS-TS272AID Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272AIN STMICROELECTRONICS-TS272AIN Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
TS272ACD STMICROELECTRONICS-TS272ACD Datasheet
208Kb / 9P
HIGH PERFORMANCE CMOS DUAL OPERATIONAL AMPLIFIERS
Nov-2001
logo
SG Micro Corp
SGM8055 SGMICRO-SGM8055_15 Datasheet
491Kb / 20P
CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com