Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT01-P01/TR Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # UT01-P01/TR
Description  High Power LED - 1W
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

UT01-P01/TR Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  UT01-P01/TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd UT01-P01/TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EHP-C04/UT01-P01/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 2 of 10
Device No. :
Prepared date: July. 24, 2007
Prepared by: Randal Chiang
Dimensions
Notes: 1. Dimensions are in millimeters.
2. Tolerances unless dimensions ±0.1mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com