Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EF6805R2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # EF6805R2
Description  8-BIT MICROCOMPUTER UNIT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EF6805R2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button EF6805R2 Datasheet HTML 17Page - STMicroelectronics EF6805R2 Datasheet HTML 18Page - STMicroelectronics EF6805R2 Datasheet HTML 19Page - STMicroelectronics EF6805R2 Datasheet HTML 20Page - STMicroelectronics EF6805R2 Datasheet HTML 21Page - STMicroelectronics EF6805R2 Datasheet HTML 22Page - STMicroelectronics EF6805R2 Datasheet HTML 23Page - STMicroelectronics EF6805R2 Datasheet HTML 24Page - STMicroelectronics EF6805R2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
modify or test its contents, and write the modified va-
lue back to memory or to the register. The test for
negative or zero (TST) instruction is included in
read-modify-write instructions through it does not
perform the write. Rfer to table 2.
Caution
The corresponding DDRs for ports A, B, and C
are write-only registers (registers at $004, $005,
and $006). A read operation on these registers
is undefined. Since BSET and BCLR are read-
modify-write functions, they cannot be used to
set or clear a DDR bit (all ”unaffected” bits would
be set). It is recommended that all DDR bits in a
port be written using a single-store instruction.
BRANCH INSTRUCTIONS - The branch instruc-
tions cause a branch from the program when a cer-
tain condition is met. Refer to table 3.
BIT MANIPULATION INSTRUCTIONS - These ins-
tructions are used on any bit in the first 256 bytes of
the memory. One group either sets or clears. The o-
ther group performs the bit test branch operations.
Refer to table 4.
Caution
The corresponding DDRs for ports A, B, and C
are write-only registers (registers at $004, $005,
and $006). A read operation on these registers
is undefined. Since BSET and BCLR are read-
modify-write functions, they cannot be used to
set or clear a DDR bit (all ”unaffected” bits would
be set). It is recommended that all DDR bits in a
port be written using a single-store instruction.
CONTROL INSTRUCTIONS - The control instruc-
tions control the MCU operations during program
execution. Refer to table 5.
ALPHABETICAL LISTING - The complete instruc-
tion set is given in alphabetical order in table 6.
OPCODE MAP SUMMARY - Table 7 is an opcode
map for the instructions used on the MCU.
EF6805U3
21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com