Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB-RTC-TH-32.768KHZ-2 Datasheet(PDF) 6 Page - Abracon Corporation

Part # AB-RTC-TH-32.768KHZ-2
Description  Real Time Clock Module with I2C Bus
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB-RTC-TH-32.768KHZ-2 Datasheet(HTML) 6 Page - Abracon Corporation

  AB-RTC-TH-32.768KHZ-2 Datasheet HTML 1Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 2Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 3Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 4Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 5Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 6Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 7Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 8Page - Abracon Corporation AB-RTC-TH-32.768KHZ-2 Datasheet HTML 9Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AB-RTC-TH-32.768kHz-2
Real Time Clock Module with I2C Bus
Revision:
Initial Release 12/10/2024
Page 6
Disclaimer
lign
Check Inventory
R
t S
l
lign
Request Samples
Pad #
Function
Description
1
FOE
FOUT output control pin. “1” - enable FOUT, “0”-
FOUT Hi-Z
2
VDD
Power supply
3
VBAT
Backup battery pin. Connect to large-capacity
capacitors or a backup battery.Connect to VDDwhen
switchover function is not necessary
4
FOUT
Frequency output. Controlled by FOE. Frequency can
be set by FSEL bits.
5
SCL
I2C clock signal
6
T1
Do not connect
7
SDA
I2C data signal
8
T2
Do not connect
9
GND
Ground
10
/INT
Interrupt Output, Open-Drain; Waveforms can be output
in backup mode;
Mechanical Dimensions
Dimensions: inches[mm]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com