Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D30X Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPC560D30X
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30X Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPC560D30X_V01 Datasheet HTML 35Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 36Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 37Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 38Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 39Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 40Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 41Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 42Page - STMicroelectronics SPC560D30X_V01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
DS6494 Rev 8
39/82
SPC560D30x, SPC560D40x
Electrical characteristics
77
Figure 6. Noise filtering on reset signal
VRESET
VIL
VIH
VDD
filtered by
hysteresis
filtered by
lowpass filter
WFRST
WNFRST
hw_rst
‘1’
‘0’
filtered by
lowpass filter
WFRST
unknown reset
state
device under hardware reset
Table 23. Reset electrical characteristics
Symbol
C
Parameter
Conditions(1)
Value
Unit
Min
Typ
Max
VIH
SR P
Input High Level
CMOS (Schmitt
Trigger)
—
0.65VDD
—VDD +0.4
V
VIL
SR P
Input low Level
CMOS (Schmitt
Trigger)
—
0.4
—
0.35VDD
V
VHYS
CC C
Input hysteresis
CMOS (Schmitt
Trigger)
—0.1VDD
——
V
VOL
CC P Output low level
Push Pull, IOL = 2 mA,
VDD = 5.0 V ± 10%, PAD3V5V = 0
(recommended)
——
0.1VDD
V
Push Pull, IOL = 1 mA,
VDD = 5.0 V ± 10%,
PAD3V5V = 1(2)
——
0.1VDD
Push Pull, IOL = 1 mA,
VDD = 3.3 V ± 10%, PAD3V5V = 1
(recommended)
——
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com