Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC560D30L3 Datasheet(PDF) 81 Page - STMicroelectronics

Part # SPC560D30L3
Description  32-bit MCU family built on the Power Architecture for automotive body electronics applications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560D30L3 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SPC560D30L3 Datasheet HTML 74Page - STMicroelectronics SPC560D30L3 Datasheet HTML 75Page - STMicroelectronics SPC560D30L3 Datasheet HTML 76Page - STMicroelectronics SPC560D30L3 Datasheet HTML 77Page - STMicroelectronics SPC560D30L3 Datasheet HTML 78Page - STMicroelectronics SPC560D30L3 Datasheet HTML 79Page - STMicroelectronics SPC560D30L3 Datasheet HTML 80Page - STMicroelectronics SPC560D30L3 Datasheet HTML 81Page - STMicroelectronics SPC560D30L3 Datasheet HTML 82Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 81 / 82 page
background image
DS6494 Rev 8
81/82
SPC560D30x, SPC560D40x
Revision history
81
04-Feb-2013
6
Removed all instances of table footnote “All values need to be
confirmed during device validation”
Section 4.1: Introduction, removed Caution note.
Table 12: Recommended operating conditions (3.3 V), added
minimum value of TVDD and footnote about it.
Table 13: Recommended operating conditions (5.0 V), added
minimum value of TVDD and footnote about it.
Updated Section 4.17.2: Input impedance and ADC accuracy
In Table 24, changed VLVDHV3L, VLVDHV3BL from 2.7 V to 2.6 V.
Revised the Table 29: Flash module life
Updated Table 44: DSPI characteristics, to add specifications 7 and
8, tPCSC and tPASC.
Inserted Figure 24: DSPI PCS strobe (PCSS) timing
17-Sep-2013
7
Updated Disclaimer.
01-Nov-2018
8
Removed the following two tables:
– Order codes
– Order codes for engineering samples
Table 49. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com