Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC563M64L5 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPC563M64L5
Description  32-bit Power Architecture based MCU for automotive powertrain applications
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC563M64L5 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPC563M64L5 Datasheet HTML 16Page - STMicroelectronics SPC563M64L5 Datasheet HTML 17Page - STMicroelectronics SPC563M64L5 Datasheet HTML 18Page - STMicroelectronics SPC563M64L5 Datasheet HTML 19Page - STMicroelectronics SPC563M64L5 Datasheet HTML 20Page - STMicroelectronics SPC563M64L5 Datasheet HTML 21Page - STMicroelectronics SPC563M64L5 Datasheet HTML 22Page - STMicroelectronics SPC563M64L5 Datasheet HTML 23Page - STMicroelectronics SPC563M64L5 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 128 page
background image
Overview
SPC563M64x, SPC563M60x
20/128
DocID14642 Rev 12
storage model for single-precision floating-point data types of 32 bits and the normal integer
type. Single-cycle floating-point add, subtract, multiply, compare, and conversion operations
are provided. Divide instructions are multi-cycle and are not pipelined.
The Signal Processing Extension (SPE) Auxiliary Processing Unit (APU) provides hardware
SIMD operations and supports a full complement of dual integer arithmetic operation
including Multiply Accumulate (MAC) and dual integer multiply (MUL) in a pipelined fashion.
The general purpose register file is enhanced such that all 32 of the GPRs are extended to
64 bits wide and are used for source and destination operands, thus there is a unified
storage model for 32
32 MAC operations which generate greater than 32-bit results.
The majority of both scalar and vector operations (including MAC and MUL) are executed in
a single clock cycle. Both scalar and vector divides take multiple clocks. The SPE APU also
provides extended load and store operations to support the transfer of data to and from the
extended 64-bit GPRs.
The CPU includes support for Variable Length Encoding (VLE) instruction enhancements.
This enables the classic Power Architecture instruction set to be represented by a modified
instruction set made up from a mixture of 16- and 32-bit instructions. This results in a
significantly smaller code size footprint without noticeably affecting performance. The Power
Architecture instruction set and VLE instruction set are available concurrently. Regions of
the memory map are designated as PPC or VLE using an additional configuration bit in
each of Table Look-aside Buffers (TLB) entries in the MMU.
The CPU core is enhanced by the addition of two additional interrupt sources; Non-
Maskable Interrupt and Critical Interrupt. These two sources are routed directly from
package pins, via edge detection logic in the SIU to the CPU, bypassing completely the
Interrupt Controller. Once the edge detection logic is programmed, it cannot be disabled,
except by reset. The non-maskable Interrupt is, as the name suggests, completely un-
maskable and when asserted will always result in the immediate execution of the respective
interrupt service routine. The non-maskable interrupt is not guaranteed to be recoverable.
The Critical Interrupt is very similar to the non-maskable interrupt, but it can be masked by
other exceptional interrupts in the CPU and is guaranteed to be recoverable (code
execution may be resumed from where it stopped).
The CPU core has an additional ‘Wait for Interrupt’ instruction that is used in conjunction
with low power STOP mode. When Low Power Stop mode is selected, this instruction is
executed to allow the system clock to be stopped. An external interrupt source or the
system wake-up timer is used to restart the system clock and allow the CPU to service the
interrupt.
2.3.2
Crossbar
The XBAR multi-port crossbar switch supports simultaneous connections between three
master ports and four slave ports. The crossbar supports a 32-bit address bus width and a
64-bit data bus width.
The crossbar allows three concurrent transactions to occur from the master ports to any
slave port; but each master must access a different slave. If a slave port is simultaneously
requested by more than one master port, arbitration logic selects the higher priority master
and grants it ownership of the slave port. All other masters requesting that slave port are
stalled until the higher priority master completes its transactions. Requesting masters are
treated with equal priority and are granted access to a slave port in round-robin fashion,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com