Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1080 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STA1080
Description  Accordo2 family – Automotive dual core processor for car radio and display audio application
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1080 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STA1080 Datasheet HTML 55Page - STMicroelectronics STA1080 Datasheet HTML 56Page - STMicroelectronics STA1080 Datasheet HTML 57Page - STMicroelectronics STA1080 Datasheet HTML 58Page - STMicroelectronics STA1080 Datasheet HTML 59Page - STMicroelectronics STA1080 Datasheet HTML 60Page - STMicroelectronics STA1080 Datasheet HTML 61Page - STMicroelectronics STA1080 Datasheet HTML 62Page - STMicroelectronics STA1080 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 127 page
background image
DS13319 Rev 2
59/127
STA108x, STA109x
Electrical Characteristics
126
4.6
DC Characteristics
IOs in Accordo2 fall into single category:
Logical CMOS function
Table 23 lists the functional operating DC characteristics.
Table 23. Digital DC Characteristics
Symbol
Parameter
Test condition
Limit values
Unit
Notes
Min
Typ
Max
VIL(1)
P
Logical input low level
voltage
VDDIO = 3.3V
- 0.3
-
0.8
V
(2)
VIH(3)
P
Logical input high level
voltage
VDDIO = 3.3V
2.0
-
VDDIO+0.3
V
(2)
VHYST
S
Schmitt-trigger
hysteresis
-250
-
-
mV
(4)
VTH+
S
Schmitt-trigger high
threshold
-1.49
-
-
V
-
VTL-
S
Schmitt-trigger low
threshold
--
-
1.39
V
-
RPU
P
Equivalent pull-up
-
32
50
60
k
-
RPD
P
Equivalent pull-down
-
32
50
60
k
VOL
P
Low level output voltage
IOL=4mA/8mA
-
-
0.4
V
(5)
VOH
P
High level output voltage
IOH=4mA/8mA VDDIO - 0.4
-
-
V
(5)
IIH
S
High level input current
-
-
-
< 1
µA
(6)
IIL
S
Low level input current
-
-
-
< 1
µA
(6)
CIN
S
Input Pin Capacitance
-
-
-
1.5
pF
-
1. VIL undershoot: -0.5 V. Duration of the undershoot pulse cannot be greater than one third of the cycle rate.
2.
Excludes oscillator inputs SXTALI and MXTALI. Refer to oscillator electrical specifications.
3. VIH overshoot: VDDIO + 0.5 V. Duration of the overshoot pulse cannot be greater than one third of the cycle rate.
4. Apply to all digital inputs unless specified otherwise.
5.
IOH/IOL is the maximum source/sink current drive that guarantees the VOH/VOL level, depending on the IO buffer drive
capability level (4 or 8 mA, not programmable).
6. Pull-up or pull-down disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com