Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS1L30
Description  30 V, 1 A low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30 Datasheet(HTML) 1 Page - STMicroelectronics

  STPS1L30 Datasheet HTML 1Page - STMicroelectronics STPS1L30 Datasheet HTML 2Page - STMicroelectronics STPS1L30 Datasheet HTML 3Page - STMicroelectronics STPS1L30 Datasheet HTML 4Page - STMicroelectronics STPS1L30 Datasheet HTML 5Page - STMicroelectronics STPS1L30 Datasheet HTML 6Page - STMicroelectronics STPS1L30 Datasheet HTML 7Page - STMicroelectronics STPS1L30 Datasheet HTML 8Page - STMicroelectronics STPS1L30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
•
Very low forward voltage drop for less power dissipation
•
Surface mount miniature packages
•
Avalanche rated
•
ECOPACK2 compliant
Applications
•
Cordless appliance
•
SSD
•
Battery charger
•
Telecom power
•
DC / DC converter
Description
Schottky rectifiers designed for high frequency miniature switched mode power
supplies such as adaptors and on board DC/DC converters.
Packaged in SMA, SMA Flat Notch or SMB, the STPS1L30 is ideal for use in parallel
with MOSFETs in synchronous rectification.
Product status
STPS1L30
Product summary
Symbol
Value
IF(AV)
1 A
VRRM
30 V
T j(max.)
150 °C
VF(typ.)
0.26 V
30 V, 1 A low drop power Schottky rectifier
STPS1L30
Datasheet
DS1243 - Rev 8 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS1L30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1L30 STMICROELECTRONICS-STPS1L30 Datasheet
71Kb / 7P
LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L30A STMICROELECTRONICS-STPS1L30A Datasheet
75Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1L30A STMICROELECTRONICS-STPS1L30A Datasheet
71Kb / 7P
LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L30AU STMICROELECTRONICS-STPS1L30AU Datasheet
75Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Aug-1999
STPS1L30M STMICROELECTRONICS-STPS1L30M Datasheet
46Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS1L30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010AESA PHILIPS-PMEG3010AESA_15 Datasheet
210Kb / 15P
30 V, 1 A low VF MEGA Schottky barrier rectifier
3 August 2015
PMEG3010ESB PHILIPS-PMEG3010ESB_15 Datasheet
202Kb / 14P
30 V, 1 A low VF MEGA Schottky barrier rectifier
1 July 2015
logo
Nexperia B.V. All right...
PMEG3010EGW NEXPERIA-PMEG3010EGW Datasheet
683Kb / 12P
30 V, 1 A low VF MEGA Schottky barrier rectifier
PMEG3010BEP-Q NEXPERIA-PMEG3010BEP-Q Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3010BER-Q NEXPERIA-PMEG3010BER-Q Datasheet
261Kb / 13P
30 V, 1 A low VF Schottky barrier rectifier
16 November 2022
PMEG3010EGW-Q NEXPERIA-PMEG3010EGW-Q Datasheet
221Kb / 10P
30 V, 1 A low VF Schottky barrier rectifier
26 September 2022
PMEG3010BEP NEXPERIA-PMEG3010BEP Datasheet
254Kb / 12P
30 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG3010BER NEXPERIA-PMEG3010BER Datasheet
283Kb / 13P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
PMEG3010EP NEXPERIA-PMEG3010EP Datasheet
1Mb / 12P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
PMEG3010ER NEXPERIA-PMEG3010ER Datasheet
1Mb / 13P
30 V, 1 A low VF Schottky barrier rectifier
1 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com