Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS1L30U Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1L30U
Description  30 V, 1 A low drop power Schottky rectifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L30U Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1L30U Datasheet HTML 1Page - STMicroelectronics STPS1L30U Datasheet HTML 2Page - STMicroelectronics STPS1L30U Datasheet HTML 3Page - STMicroelectronics STPS1L30U Datasheet HTML 4Page - STMicroelectronics STPS1L30U Datasheet HTML 5Page - STMicroelectronics STPS1L30U Datasheet HTML 6Page - STMicroelectronics STPS1L30U Datasheet HTML 7Page - STMicroelectronics STPS1L30U Datasheet HTML 8Page - STMicroelectronics STPS1L30U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Figure 5. Relative variation of thermal impedance junction
to ambient versus pulse duration (SMA)
Z
/ R
th(j-a)
th(j-a)
0.01
0.10
1.00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
Single pulse
SMA
t (s)
p
Figure 6. Reverse leakage current versus reverse voltage
applied (typical values)
I (mA)
R
1.E-3
1.E-2
1.E-1
1.E+0
1.E+1
1.E+2
0
20
25
30
V (V)
R
T =150°C
j
T =25°C
j
T =100°C
j
T =125°C
j
5
10
15
Figure 7. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
10
100
500
1
2
10
50
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
5
20
Figure 8. Forward voltage drop versus forward current
(typical values, high level)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.10
1.00
10.00
I (A)
F
V (V)
F
T =25°C
j
T =150°C
j
T =100°C
j
Figure 9. Forward voltage drop versus forward current
(maximum values, low level)
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55 0.60
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I (A)
F
V (V)
F
T =25°C
j
Tj =150°C
T =125°C
j
T =100°C
j
Figure 10. Thermal resistance junction to ambient versus
copper surface under each lead (SMB)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
SMB
S(Cu)(cm²)
Epoxy p ri nted ci rcuit board FR4, coppe r t hickness: 35 µm
STPS1L30
Characteristics (curves)
DS1243 - Rev 8
page 4/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com