Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK-059 Datasheet(PDF) 3 Page - Brainboxes Limited

Part # MK-059
Description  ES-279 ETHERNET TO SERIAL DEVICE SERVER Ethernet 8 Port RS232
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

MK-059 Datasheet(HTML) 3 Page - Brainboxes Limited

  MK-059 Datasheet HTML 1Page - Brainboxes Limited MK-059 Datasheet HTML 2Page - Brainboxes Limited MK-059 Datasheet HTML 3Page - Brainboxes Limited MK-059 Datasheet HTML 4Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
+44(0) 151 220 2500 sales@brainboxes.com www.brainboxes.com
ES-279 Ethernet 8 Port RS232
Port Settings - RS232
Baud Rate
From 110 - 1,000,000 1 MegaBaud
Data Bits
5,6,7 or 8
Parity
Odd, Even, None, Mark or Space
Stop Bits
1, 1.5 or 2
Flow Control
RTS/CTS, DSR/DTR, XON/XOFF
Tx/Rx Modes
Point to Point
Environmental
Operating Temperature
0 to 55
oc
Storage Temperature
-20 to 85
oc
Ambient Relative Humidity
5 to 95% (non-condensing)
Housing
IP-30 rated case
Port Settings - Ethernet
Data Rate
10/100 Mega bits/second
Cabling
Normal / Crossover auto-sensing (Auto-MDIX)
Software
Network Protocols
ICMP, IP, TCP, UDP, DHCP, BOOTP, Telnet, HTTP, RFC2217
Data Transfer Protocol
TCP
Configuration Options
Windows Utility, Web Interface
OS Compatibility
Microsoft Windows 8 32 bit 64 bit Editions / Microsoft Windows 7 32 bit 64 bit Editions / Windows Server
2008 32 bit 64 bit Editions /Windows Vista 32 bit 64 bit Editions / Windows Server 2003 32 bit 64 bit Edi-
tions / Windows XP 32 bit 64 bit Editions / Fully RFC2217 compliant / Interface for other OS’s & Linux
Approvals
Industry Approvals
AEO C-TPAT Microsoft Certified Gold Partner WEEE RoHS EMC: CE TAA
Microsoft Approvals
Microsoft Certified Gold Partner
Microsoft Signed Drivers
Windows 7 32 bit 64 bit Editions
Packing Information
Packaging
Quick Start Guide, Country Specific Power Supply, Installation CD including manual, Microsoft signed drivers
& utilities
Device
Ethernet 8 Port RS232
Accessory Items
Global Power Supply - PW-800 (included), Snap In DIN Clip lit for 48 ports - MK-070 Wall Mounting Kit
for 48 ports - MK-059
Packaged Weight
1.25 kg
Packaged Dims
2400l x 250w x 65h mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com