Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SW-015 Datasheet(PDF) 1 Page - Brainboxes Limited

Part # SW-015
Description  5 Port Gigabit Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRAINBOXE [Brainboxes Limited]
Direct Link  https://www.brainboxes.com/
Logo BRAINBOXE - Brainboxes Limited

SW-015 Datasheet(HTML) 1 Page - Brainboxes Limited

  SW-015 Datasheet HTML 1Page - Brainboxes Limited SW-015 Datasheet HTML 2Page - Brainboxes Limited SW-015 Datasheet HTML 3Page - Brainboxes Limited SW-015 Datasheet HTML 4Page - Brainboxes Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GB AEOF 00031/11
UK +44 (0)151 220 2500 // USA +1 855 958 2502 // JAPAN +81-3-3683-0509
www.brainboxes.com // sales@brainboxes.com
• 5 Port Gigabit Ethernet Switch
• Power input: +5V to +30V DC
• Compact design with integral wall
mount
• -10ºC to +60ºC/+14ºF to +140ºF
temperature range
• Integral wall mount or optional DIN
rail mount
• Connection LEDs on each Port
Integral wall mount option can
be used with
MK-048 clips to allow DIN rail
mounting
Non conducting polyamide
casing prevents electrical
conduction – for safer
installation
+5 to +30 Volt Power Input
enables the device to be run
from a standard car battery -
ideal for in vehicle applications
5 Port Gigabit Ethernet Switch
SW-015


Similar Part No. - SW-015

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
SW-015 BLACKBOX-SW-015 Datasheet
970Kb / 4P
5 Port Unmanaged Gigabit Ethernet Switch Wall Mountable
More results

Similar Description - SW-015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
Gigabit Ethernet Switch - 5 Port
logo
Level One
GSW-0507 LVL1-GSW-0507 Datasheet
664Kb / 3P
5-Port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-5725I-AE ADVANTECH-EKI-5725I-AE Datasheet
443Kb / 2P
5-port Gigabit Ethernet ProView Switch
EKI-5725-AE ADVANTECH-EKI-5725-AE Datasheet
443Kb / 2P
5-port Gigabit Ethernet ProView Switch
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
5-port unmanaged Gigabit PoE Ethernet switch
logo
Advantech Co., Ltd.
EKI-5725 ADVANTECH-EKI-5725 Datasheet
538Kb / 2P
5-Port Gigabit Ethernet ProView Switch
21-Aug-2020
logo
Black Box Registered Tr...
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com