Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVL6228-PLUG Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVL6228-PLUG
Description  Evaluation kit environment for L62xx family of dual brush DC and stepper motor drivers based on STM32 Nucleo
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL6228-PLUG Datasheet(HTML) 2 Page - STMicroelectronics

  EVL6228-PLUG Datasheet HTML 1Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 2Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 3Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 4Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 5Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 6Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 7Page - STMicroelectronics EVL6228-PLUG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
Schematic diagrams
Figure 1. EVL62XX-MAIN
ST
NUCLEO
& LOGO
FOR EVALUATION PURPOSE ONLY
ROHS COMPLIANT 2002/95/IEC & LOGO
GND
Vin
A+
A-
B+
B-
PB5_TIM3_CH2
PB4_TIM3_CH1
PA1_TIM2_CH2
PA0_TIM2_CH1
PB10_TIM2_CH3
Vin
GND
PB0_TIM3_CH3
PA6_ADC1_6
PA4_ADC1_4
PA10
PB3
PA9
PB6
PA7
8-50V
RCA
PROGCLA
Vin
GND
GND
RCB
PROGCLB
RCA
IN2A/CW_CCW
IN1A/CLOCK
P ROGCLA
RCB
IN2B/HALF_FULL
IN1B/CONTROL
P ROGCLB
VREFB
ADC-6_S ENS EA
IN2B
VREFA
IN1B
IN2A
IN1A
IN1A
VREFA
IN2A
RES ET
ENA
ENA
ENB
ADC-4_S ENS EB
ADC-6_S ENS EA
FAULTA
FAULTA
FAULTB
FAULTA
FAULTB
OUT1B
OUT2B
OUT1A
OUT2A
OUT1A
OUT2A
OUT2A
RES ET
OUT1A
OUT2B
OUT2B
ADC-4_S ENS EB
IN2B
IN1B
VREFB
ENB
OUT1B
FAULTB
OUT1B
VS
VS
VDD
VDD
VDD
VS
D3
YELLOW
R3
4.7K
R15
330R
R32
NP
Q1
FDV302P
1
C7
820P F
CN9
CON-1x8
1
2
3
4
5
6
7
8
TP 1
R14
10K
R31
NP
R17
10k
+ C1
100UF
63V
R7 10K
J 1
BS E-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
R18 0R
R8 10K
R1
100K
FID3
FID40RD_80RD
R26 0R
R28 0R
C5
68NF
R16
330R
C9
NP
R25 0R
R21 0R
CN3
1
2
D4
YELLOW
CN6
CON-1x8
S TRIP 254P -F-8
1
2
3
4
5
6
7
8
R2
100K
FID2
FID40RD_80RD
R6
2.2K
R12
10K
R4
2.2K
Q2
FDV302P
1
TP 2
C8
820P F
R30 0R
R22 0R
D7
Red
R13
10K
R20 0R
C11
68NF
CN1
1
2
3
4
CN2
RS 805-1699 2.1/2.5mm
3
2
1
R9
200K
R5
4.7K
CN8
CON-1x6
S TRIP 254P -F-6
1
2
3
4
5
6
FID1
FID40RD_80RD
TP 3
C4
5.6NF
D5
Green
D6
Red
R27 0R
R29 0R
C2
100NF
J 2
BS E-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
R24 0R
CN5
CON-1x10
1
2
3
4
5
6
7
8
9
10
R23 0R
D1
YELLOW
R11
10K
R10
200K
C3
5.6NF
C10
NP
R19 0R
D2
YELLOW
Figure 2. EVL6205-PLUG
OUT2B
OUT2A
OUT1B
OUT1A
IN1A
IN2A
ENA
ENB
S ENS EA
S ENS EB
IN1B
IN2B
OUT2A
ENA
S ENS EA
IN2A
IN1A
OUT1A
OUT2A
OUT1A
OUT2B
ENB
S ENS EB
IN2B
IN1B
OUT1B
OUT2B
OUT1B
VS
VS
VS
C5
NP
C2100NF
J 1
BTE-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
J 7
R4
NP
R1
0R
J 5
FID2
FID40RD_80RD
C4
NP
TP 6
J 8
R19
100R
FID1
FID40RD_80RD
TP 7
J 2
BTE-020-01-F-D-A-TR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
TP 4
R2
NP
C3 220NF
D1
BAR43
2
1
TP 5
C1
10NF
J 6
FID3
FID40RD_80RD
R3
0R
U1
L6205P D
OUT1B
12
ENA
5
IN1A
6
IN2A
7
S ENS EA
8
ENB
16
OUT1A
9
S ENS EB
13
OUT2A
3
IN1B
14
IN2B
15
OUT2B
18
EVL62XX-MAIN,EVL62XX-PLUG
Schematic diagrams
DB4485 - Rev 1
page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com