Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC4245AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC4245AD
Description  Octal dual supply translating transceiver; 3-state
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC4245AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC4245AD Datasheet HTML 1Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 2Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 3Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 4Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 5Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 6Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 7Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 8Page - NXP Semiconductors 74LVC4245AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
74LVC4245A_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 18 January 2008
3 of 17
NXP Semiconductors
74LVC4245A
Octal dual supply translating transceiver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as a
supply pin or input.
Fig 3.
Pin configuration SO24 and (T)SSOP24
Fig 4.
Pin configuration DHVQFN24
74LVC4245A
VCCA
VCCB
DIR
VCCB
A0
OE
A1
B0
A2
B1
A3
B2
A4
B3
A5
B4
A6
B5
A7
B6
GND
B7
GND
GND
001aaa349
1
2
3
4
5
6
7
8
9
10
11
12
14
13
16
15
18
17
20
19
22
21
24
23
001aah087
74LVC4245A
Transparent top view
B7
A7
GND
B6
GND(1)
A6
B5
A5
B4
A4
B3
A3
B2
A2
B1
A1
B0
A0
OE
DIR
VCCB
11
14
10
15
9
16
8
17
7
18
6
19
5
20
4
21
3
22
2
23
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
VCCA
1
supply voltage (5 V bus)
VCCB
23, 24
supply voltage (3 V bus)
GND
11, 12, 13
ground (0 V)
DIR
2
direction control
A[0:7]
3, 4, 5, 6, 7, 8, 9, 10
data input or output
B[0:7]
21, 20, 19, 18, 17, 16, 15, 14
data input or output
OE
22
output enable input (active LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com