Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV341 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV341
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV341 Datasheet(HTML) 3 Page - Texas Instruments

  LMV341_V01 Datasheet HTML 1Page - Texas Instruments LMV341_V01 Datasheet HTML 2Page - Texas Instruments LMV341_V01 Datasheet HTML 3Page - Texas Instruments LMV341_V01 Datasheet HTML 4Page - Texas Instruments LMV341_V01 Datasheet HTML 5Page - Texas Instruments LMV341_V01 Datasheet HTML 6Page - Texas Instruments LMV341_V01 Datasheet HTML 7Page - Texas Instruments LMV341_V01 Datasheet HTML 8Page - Texas Instruments LMV341_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
4 Pin Configuration and Functions
1
IN+
6
V+
2
GND
5
SHDN
3
IN–
4
OUT
Not to scale
Figure 4-1. DBV or DCK Package, 6-Pin SOT-23 or SC70 (Top View)
Table 4-1. Pin Functions: LMV341
PIN
I/O
DESCRIPTION
NAME
SOT-23, SC70
IN+
1
I
Noninverting input on channel 1
IN–
3
I
Inverting input on channel 1
OUT
4
O
Output on channel 1
GND
2
Ground
SHDN
5
I
Shutdown active low
V+
6
Positive power supply
1
1OUT
8
V+
2
1IN–
7
2OUT
3
1IN+
6
2IN–
4
GND
5
2IN+
Not to scale
Figure 4-2. D or DGK Package, 8-Pin SOIC or VSSOP (Top View)
Table 4-2. Pin Functions: LMV342
PIN
I/O
DESCRIPTION
NAME
SOIC, VSSOP
1IN+
3
I
Noninverting input on channel 1
1IN–
2
I
Inverting input on channel 1
1OUT
1
O
Output on channel 1
2IN+
5
I
Noninverting input on channel 2
2IN–
6
I
Inverting input on channel 2
2OUT
7
O
Output on channel 2
GND
4
Ground
V+
8
Positive power supply
www.ti.com
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com