Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7271MF/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV7271MF/NOPB
Description  LMV727x Single and Dual, 1.8-V Low Power Comparators With Rail-to-Rail Input
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV7271MF/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMV7271MF/NOPB Datasheet HTML 1Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 2Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 3Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 4Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 5Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 6Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 7Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 8Page - Texas Instruments LMV7271MF/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
LMV7271, LMV7272, LMV7275
SNOSA56I – FEBRUARY 2003 – REVISED SEPTEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
±Supply
VIN Differential
V
Voltage
Supply Voltage (V+ - V−)
6
V
Voltage at Input/Output pins
(V+) + 0.1
(V−)
− 0.1
V
Junction Temperature(3)
150
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for availability and
specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly into a PCB.
6.2 ESD Ratings
VALUE
UNIT
SOT-23, SC70 PACKAGE
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Machine Model (MM)(3)
±200
DSBGA PACKAGE
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V(ESD)
Electrostatic discharge
V
Machine Model (MM)(3)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human body model, 1.5 k
Ω in series with 100 pF.
(3)
Machine Model, 0
Ω in series with 200 pF.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply Voltage
1.8
5.5
V
Temperature(1)
–40
85
°C
(1)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly into a PCB.
6.4 Thermal Information
LMV7271, LMV7275
LMV7272
THERMAL METRIC(1)
DBV (SOT-23)
DGK (SC70)
YZR (DSBGA)
UNIT
5 PINS
5 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)
325
265
220
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/RθJA. All numbers apply for packages soldered directly into a PCB.
4
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: LMV7271 LMV7272 LMV7275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com