Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV341IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV341IDBVR
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV341IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV341IDBVR Datasheet HTML 4Page - Texas Instruments LMV341IDBVR Datasheet HTML 5Page - Texas Instruments LMV341IDBVR Datasheet HTML 6Page - Texas Instruments LMV341IDBVR Datasheet HTML 7Page - Texas Instruments LMV341IDBVR Datasheet HTML 8Page - Texas Instruments LMV341IDBVR Datasheet HTML 9Page - Texas Instruments LMV341IDBVR Datasheet HTML 10Page - Texas Instruments LMV341IDBVR Datasheet HTML 11Page - Texas Instruments LMV341IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
5.7 Shutdown Characteristics: V+ = 2.7V
V+ = 2.7V, GND = 0V, VIC = VO = V+/2, RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ICC(SHDN)
Supply current in shutdown mode
VSD = 0V
25°C
0.045
1000
nA
Full range
1.5
μA
t(on)
Amplifier turnon time
25°C
5
μs
VSD
Recommended shutdown pin voltage range
ON mode
25°C
2.4
2.7
V
Shutdown mode
0
0.2
5.8 Shutdown Characteristics: V+ = 5V
V+ = 5V, GND = 0V, VIC = VO = V+/2, RL > 1MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ICC(SHDN)
Supply current in shutdown mode
VSD = 0V
25°C
0.033
1
μA
Full range
1.5
t(on)
Amplifier turnon time
25°C
5
μs
VSD
Recommended shutdown pin voltage range
ON mode
25°C
4.5
5
V
Shutdown mode
0
0.2
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com