Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324AIDYYR Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV324AIDYYR
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV324AIDYYR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV324AIDYYR Datasheet HTML 3Page - Texas Instruments LMV324AIDYYR Datasheet HTML 4Page - Texas Instruments LMV324AIDYYR Datasheet HTML 5Page - Texas Instruments LMV324AIDYYR Datasheet HTML 6Page - Texas Instruments LMV324AIDYYR Datasheet HTML 7Page - Texas Instruments LMV324AIDYYR Datasheet HTML 8Page - Texas Instruments LMV324AIDYYR Datasheet HTML 9Page - Texas Instruments LMV324AIDYYR Datasheet HTML 10Page - Texas Instruments LMV324AIDYYR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
5.7 Electrical Characteristics
For VS = (V+) – (V–) = 2.5 V to 5.5 V (±1.25 V to ±2.75 V), TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS /
2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
Vs = 5 V
±1
±4
mV
Vs = 5 V, TA = –40°C to 125°C
±5
dVOS/dT
VOS vs temperature
TA = –40°C to 125°C
±1
µV/°C
PSRR
Power-supply rejection ratio
VS = 2.5 to 5.5 V, VCM = (V–)
78
100
dB
INPUT VOLTAGE RANGE
VCM
Common-mode
voltage range
No phase reversal, rail-to-rail input
(V–) – 0.1
(V+) – 1
V
CMRR
Common-mode
rejection ratio
VS = 2.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V
TA = –40°C to 125°C
86
dB
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V
TA = –40°C to 125°C
95
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V
TA = –40°C to 125°C
63
77
VS = 2.5 V, (V–) – 0.1 V < VCM < (V+) + 0.1 V
TA = –40°C to 125°C
68
INPUT BIAS CURRENT
IB
Input bias current
Vs = 5 V
±10
pA
IOS
Input offset current
±3
pA
NOISE
En
Input voltage noise
(peak-to-peak)
ƒ = 0.1 Hz to 10 Hz, Vs = 5 V
5.1
µVPP
en
Input voltage noise density
ƒ = 1 kHz, Vs = 5 V
33
nV/√ Hz
ƒ = 10 kHz, Vs = 5 V
30
in
Input current noise density
ƒ = 1 kHz, Vs = 5 V
25
fA/√ Hz
INPUT CAPACITANCE
CID
Differential
1.5
pF
CIC
Common-mode
5
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V, RL = 10 kΩ
100
115
dB
VS = 2.5 V, (V–) + 0.04 V < VO < (V+) – 0.04 V, RL = 10 kΩ
98
VS = 2.5 V, (V–) + 0.1 V < VO < (V+) – 0.1 V, RL = 2 kΩ
112
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V, RL = 2 kΩ
128
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
Vs = 5 V
1
MHz
φm
Phase margin
VS = 5.5 V, G = 1
76
°
SR
Slew rate
Vs = 5 V
1.7
V/µs
tS
Settling time
To 0.1%, VS = 5 V, 2-V step , G = +1, CL = 100 pF
3
µs
To 0.01%, VS = 5 V, 2-V step , G = +1, CL = 100 pF
4
tOR
Overload recovery time
VS = 5 V, VIN × gain > VS
0.9
µs
THD+N
Total harmonic distortion
+ noise
VS = 5.5 V, VCM = 2.5 V, VO = 1 VRMS, G = +1, f = 1 kHz,
80-kHz measurement BW
0.005%
OUTPUT
VO
Voltage output swing
from supply rails
VS = 5.5 V, RL = 10 kΩ
20
50
mV
VS = 5.5 V, RL = 2 kΩ
40
75
ISC
Short-circuit current
Vs = 5.5 V
±40
mA
ZO
Open-loop output impedance
Vs = 5 V, f = 1 MHz
1200
Ω
POWER SUPPLY
VS
Specified voltage range
2.5 (±1.25)
5.5 (±2.75)
V
IQ
Quiescent current per amplifier
IO = 0 mA, VS = 5.5 V
70
125
µA
IO = 0 mA, VS = 5.5 V, TA = –40°C to 125°C
150
Power-on time
VS = 0 V to 5 V, to 90% IQ level
50
µs
www.ti.com
LMV321A, LMV358A, LMV324A
SBOS923I – DECEMBER 2017 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMV321A LMV358A LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com