Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV358AIDDFR Datasheet(PDF) 22 Page - Texas Instruments

Part # LMV358AIDDFR
Description  LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV358AIDDFR Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMV358AIDDFR Datasheet HTML 18Page - Texas Instruments LMV358AIDDFR Datasheet HTML 19Page - Texas Instruments LMV358AIDDFR Datasheet HTML 20Page - Texas Instruments LMV358AIDDFR Datasheet HTML 21Page - Texas Instruments LMV358AIDDFR Datasheet HTML 22Page - Texas Instruments LMV358AIDDFR Datasheet HTML 23Page - Texas Instruments LMV358AIDDFR Datasheet HTML 24Page - Texas Instruments LMV358AIDDFR Datasheet HTML 25Page - Texas Instruments LMV358AIDDFR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
8 Device and Documentation Support
8.1 Documentation Support
8.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, EMI Rejection Ratio of Operational Amplifiers application note
8.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
8.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
8.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
8.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
8.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
9 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision H (April 2023) to Revision I (July 2024)
Page
• Changed the Device Information table to Package Information ........................................................................ 1
• Added LMV321A and LMV321AU variant names to the DBV pinouts in Pin Configuration and Functions ...... 3
• Changed Electrical Characteristics table description from: VS = (V+) – (V–) = 2.5 V to 5.5 V (±0.9 V to ±2.75
V), TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2 (unless otherwise noted) to: VS =
(V+) – (V–) = 2.5 V to 5.5 V (±1.25 V to ±2.75 V), TA = 25°C, RL = 10 kΩ connected to VS / 2, and VCM = VOUT
= VS / 2 (unless otherwise noted).......................................................................................................................7
Changes from Revision G (February 2022) to Revision H (April 2023)
Page
• Updated test condition of Electrical Characteristics table from "VS = (V+) – (V–) = 2.5 V to 5.5 V (±0.9 V to
±2.75 V)" to "VS = (V+) – (V–) = 2.5 V to 5.5 V (±1.25 V to ±2.75 V)"................................................................7
• Updated Typical Characteristics section.............................................................................................................8
LMV321A, LMV358A, LMV324A
SBOS923I – DECEMBER 2017 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMV321A LMV358A LMV324A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com