Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV344IPWR Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV344IPWR
Description  LMV34x Rail-to-Rail Output CMOS Operational Amplifiers With Shutdown
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV344IPWR Datasheet(HTML) 2 Page - Texas Instruments

  LMV344IPWR Datasheet HTML 1Page - Texas Instruments LMV344IPWR Datasheet HTML 2Page - Texas Instruments LMV344IPWR Datasheet HTML 3Page - Texas Instruments LMV344IPWR Datasheet HTML 4Page - Texas Instruments LMV344IPWR Datasheet HTML 5Page - Texas Instruments LMV344IPWR Datasheet HTML 6Page - Texas Instruments LMV344IPWR Datasheet HTML 7Page - Texas Instruments LMV344IPWR Datasheet HTML 8Page - Texas Instruments LMV344IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 5
5.1 Absolute Maximum Ratings........................................ 5
5.2 ESD Ratings............................................................... 5
5.3 Recommended Operating Conditions.........................5
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics: V+ = 2.7V........................... 6
5.6 Electrical Characteristics: V+ = 5V.............................. 7
5.7 Shutdown Characteristics: V+ = 2.7V..........................8
5.8 Shutdown Characteristics: V+ = 5V.............................8
5.9 Typical Characteristics................................................ 9
6 Detailed Description......................................................15
6.1 Overview................................................................... 15
6.2 Functional Block Diagram......................................... 15
6.3 Feature Description...................................................15
6.4 Device Functional Modes..........................................15
7 Application and Implementation.................................. 16
7.1 Application Information............................................. 16
7.2 Typical Application.................................................... 16
8 Power Supply Recommendations................................17
9 Layout.............................................................................17
9.1 Layout Guidelines..................................................... 17
9.2 Layout Examples...................................................... 18
10 Device and Documentation Support..........................19
10.1 Receiving Notification of Documentation Updates..19
10.2 Support Resources................................................. 19
10.3 Trademarks.............................................................19
10.4 Electrostatic Discharge Caution..............................19
10.5 Glossary..................................................................19
11 Revision History.......................................................... 19
12 Mechanical, Packaging, and Orderable
Information.................................................................... 19
LMV341, LMV342, LMV344
SLOS447J – SEPTEMBER 2004 – REVISED JUNE 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV341 LMV342 LMV344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com