Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-FSMF010X Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-FSMF010X
Description  MF-FSMF Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSMF010X Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-FSMF010X Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 6Page - Bourns Electronic Solutions MF-FSMF010X Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MF-FSMF Series - PTC Resettable Fuses
Features
■
Compact design to save board space -
0603 footprint
■
Small size results in very fast time to react
to fault events
■
Low profile
■
RoHS compliant* and halogen free**
■
Agency recognition:
Applications
■
USB port protection
■
HDMI 1.4 Source protection
■
PC motherboards - Plug and Play
protection
■
Mobile phones - Battery and port
protection
■
PDAs / digital cameras
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +85 °C
Recommended Storage
+40 °C max. / 70 % R.H. max.
Passive Aging
+85 °C, 1000 hours
±5 % typical resistance
change
Humidity Aging
+85 °C, 85 % R.H. 1000 hours
±5 % typical resistance
change
Thermal Shock
-40 °C to +85 °C, 20 times
±10 % typical resistance
change
Solvent Resistance
MIL-STD-202, Method 215
No change
(Marking still legible)
Vibration
MIL-STD-883C, Method 2007.1
Condition A
No change
(Rmin < R < R1max)
Moisture Sensitivity Level
(MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHS Directive 2015/863, Mar 31, 2015 and Annex.
** Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less; (b) the Chlorine (Cl)
content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice. Users should verify actual device performance in their specific
applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last
page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
Electrical Characteristic
Model
Vmax.
Imax.
Ihold
Itrip
Resistance
Max. Time To Trip
Tripped Power
Dissipation
Agency Recognition
at 23 °C
Ohms at 23 °C
at 23 °C
Watts at 23 °C
cUL
TÜV
Volts
Amps
Amps
R
Min.
R
1Max.
Amps
Seconds
Typ.
E174545
R 50256634
MF-FSMF010X
15
40
0.10
0.30
0.90
6.00
0.50
1.0
0.5
✓✓
MF-FSMF020X
9
40
0.20
0.50
0.55
3.50
1.00
0.6
0.5
✓✓
MF-FSMF025X
6
40
0.25
0.75
0.20
1.40
8.00
0.1
0.5
✓✓
MF-FSMF035X
6
40
0.35
0.75
0.20
1.40
8.00
0.1
0.5
✓✓
MF-FSMF050X
6
40
0.50
1.00
0.10
0.80
8.00
0.1
0.5
✓✓
Test Procedures and Requirements
Item
Test Conditions
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
At specified current, Vmax, 23 °C, still air
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold, still air
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, 48 hours
No arcing or burning
Solderability
ANSI/J-STD-002
95 % min. coverage
LIBRARY
SELECTOR


Similar Part No. - MF-FSMF010X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSMF010X BOURNS-MF-FSMF010X Datasheet
264Kb / 4P
Compact design to save board space - 0603 footprint
MF-FSMF010X BOURNS-MF-FSMF010X Datasheet
264Kb / 4P
MF-FSMF Series - PTC Resettable Fuses
MF-FSMF010X BOURNS-MF-FSMF010X Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
More results

Similar Description - MF-FSMF010X

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-FSMF035X-2 BOURNS-MF-FSMF035X-2 Datasheet
264Kb / 4P
MF-FSMF Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com